Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 2 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 2 Page - ams AG

  TCS3771 Datasheet HTML 1Page - ams AG TCS3771 Datasheet HTML 2Page - ams AG TCS3771 Datasheet HTML 3Page - ams AG TCS3771 Datasheet HTML 4Page - ams AG TCS3771 Datasheet HTML 5Page - ams AG TCS3771 Datasheet HTML 6Page - ams AG TCS3771 Datasheet HTML 7Page - ams AG TCS3771 Datasheet HTML 8Page - ams AG TCS3771 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D RGB Color Sensing and Proximity
Detection in a Single Device
D Color Light Sensing
− Programmable Analog Gain, Integration
Time, and Interrupt Function with Upper
and Lower Thresholds
− Resolution Up to 16 Bits
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
− Up to 1,000,000:1 Dynamic Range
D Proximity Detection
− Programmable Number of IR Pulses,
Current Sink for the IR LED — No
Limiting Resistor Needed, and Interrupt
Function with Upper and Lower
Thresholds
− Covers a 2000:1 Dynamic Range
D Low Power Wait State
− 65
mA Typical Current
− Wait Timer is Programmable from 2.4 ms
to > 7 Seconds
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
D Dedicated Interrupt Pin
D Pin and Register Set Compatible with the
TCS3x7x Family of Devices
D Small 2 mm y 2.4 mm Dual Flat No-Lead
Package
D Sleep Mode — 2.5 mA Typical Current
Applications
D RGB LED Backlight Control
D Ambient Color Temperature Sensing
D Cell Phone Touch Screen Disable
D Notebook/Monitor Security
D Automatic Menu Popup
D Industrial Process Control
D Medical Diagnostics
End Products and Market Segments
D HDTVs, Mobile Handsets, Tablets, Laptops,
Monitors, PMP (Portable Media Payers)
D Medical and Commercial Instrumentation
D Consumer Toys
D Industrial/Commercial Lighting
Description
The TCS3771 family of devices provides red, green, blue, and clear (RGBC) light sensing and proximity
detection (when coupled with an external IR LED). They detect light intensity under a variety of lighting
conditions and through a variety of attenuation materials. The proximity detection feature allows a large dynamic
range of operation for use in short distance detection behind dark glass such as in a cell phone or for longer
distance measurements for applications such as presence detection for monitors or laptops. The programmable
proximity detection enables continuous measurements across the entire range. In addition, an internal state
machine provides the ability to put the device into a low power mode in between RGBC and proximity
measurements providing very low average power consumption.
The TCS3771 is directly useful in lighting conditions containing minimal IR content such as LED RGB backlight
control, reflected LED color sampler, or fluorescent light color temperature detector. With the addition of an IR
blocking filter, the device is an excellent ambient light sensor, color temperature monitor, and general purpose
color sensor.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR
Package Drawing Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com