Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 21 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 21 Page - ams AG

Back Button TCS3772 Datasheet HTML 17Page - ams AG TCS3772 Datasheet HTML 18Page - ams AG TCS3772 Datasheet HTML 19Page - ams AG TCS3772 Datasheet HTML 20Page - ams AG TCS3772 Datasheet HTML 21Page - ams AG TCS3772 Datasheet HTML 22Page - ams AG TCS3772 Datasheet HTML 23Page - ams AG TCS3772 Datasheet HTML 24Page - ams AG TCS3772 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
20
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
RGBC Time Register (0x01)
The RGBC timing register controls the internal integration time of the RGBC clear and IR channel ADCs in
2.4-ms increments. Upon power up, the RGBC time register is set to 0xFF.
Table 6. RGBC Time Register
FIELD
BITS
DESCRIPTION
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1024
0xF6
10
24 ms
10240
0xD6
42
101 ms
43008
0xAD
64
154 ms
65535
0x00
256
614 ms
65535
Proximity Time Register (0x02)
The proximity timing register controls the integration time of the proximity ADC in 2.4 ms increments. Upon
power up, the proximity time register is set to 0xFF. It is recommended that this register be programmed to a
value of 0xFF (1 integration cycle).
Max Prox Count = ((256 − PTIME)
× 1024)) − 1
up to a maximum of 65535
Table 7.
Proximity Time Register
FIELD
BITS
DESCRIPTION
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1023
Wait Time Register (0x03)
Wait time is set 2.4 ms increments unless the WLONG bit is asserted in which case the wait times are 12
× longer.
WTIME is programmed as a 2’s complement number. Upon power up, the wait time register is set to 0xFF.
Table 8.
Wait Time Register
FIELD
BITS
DESCRIPTION
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.4 ms
0.029 sec
0xAB
85
204 ms
2.45 sec
0x00
256
614 ms
7.4 sec
NOTE: The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com