Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 23 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 23 Page - ams AG

Back Button TCS3772 Datasheet HTML 19Page - ams AG TCS3772 Datasheet HTML 20Page - ams AG TCS3772 Datasheet HTML 21Page - ams AG TCS3772 Datasheet HTML 22Page - ams AG TCS3772 Datasheet HTML 23Page - ams AG TCS3772 Datasheet HTML 24Page - ams AG TCS3772 Datasheet HTML 25Page - ams AG TCS3772 Datasheet HTML 26Page - ams AG TCS3772 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
22
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Persistence Filter Register (0x0C)
The persistence filter register controls the filtering interrupt capabilities of the device. Configurable filtering is
provided to allow interrupts to be generated after each integration cycle or if the integration has produced a result
that is outside of the values specified by the threshold register for some specified amount of time. Separate
filtering is provided for proximity and the clear channel.
Table 11. Persistence Filter Register
6
75
4
APERS
2
31
0
PERS
PPERS
Reset
0x00
FIELD
BITS
DESCRIPTION
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host processor.
FIELD VALUE
INTERRUPT PERSISTENCE FUNCTION
0000
Every proximity cycle generates an interrupt
0001
1 proximity value out of range
0010
2 consecutive proximity values out of range
...
...
1111
15 consecutive proximity values out of range
APERS
3:0
Clear Interrupt persistence. Controls rate of Clear channel interrupt to the host processor.
FIELD VALUE
INTERRUPT PERSISTENCE FUNCTION
0000
Every RGBC cycle generates an interrupt
0001
1 clear channel value outside of threshold range
0010
2 clear channel consecutive values out of range
0011
3 clear channel consecutive values out of range
0100
5 clear channel consecutive values out of range
0101
10 clear channel consecutive values out of range
0110
15 clear channel consecutive values out of range
0111
20 clear channel consecutive values out of range
1000
25 clear channel consecutive values out of range
1001
30 clear channel consecutive values out of range
1010
35 clear channel consecutive values out of range
1011
40 clear channel consecutive values out of range
1100
45 clear channel consecutive values out of range
1101
50 clear channel consecutive values out of range
1110
55 clear channel consecutive values out of range
1111
60 clear channel consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com