Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31MW/883 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31MW/883
Description  DS26LS31MQML Quad High Speed Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31MW/883 Datasheet(HTML) 3 Page - Texas Instruments

  DS26LS31MW/883 Datasheet HTML 1Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 2Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 3Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 4Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 5Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 6Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 7Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 8Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS26LS31MQML
www.ti.com
SNOSAM5B – AUGUST 2005 – REVISED APRIL 2013
Radiation Features
DS26LS31MEFQML
300 Krads (Si)
DS26LS31MJFQML
300 Krads (Si)
DS26LS31MJFQMLV
300 Krads (Si)
DS26LS31MWFQML
300 Krads (Si)
DS26LS31MWFQMLV
300 Krads (Si)
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
DS26LS31M - SMD, QMLV & RH Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V.
(1)
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
See and(2)
VIH
Logical "1" Input Voltage
VCC = 4.5V
2
V
1, 2, 3
(3)
See(2) and
VIL
Logical "0" Input Voltage
VCC = 5.5V
.8
V
1, 2, 3
(3)
VOH
Logical "1" Output Voltage
VCC = 4.5V, IOH = -20mA
See(3)
2.5
V
1, 2, 3
VOL
Logical "0" Output Voltage
VCC = 4.5V, IOL = 20mA
See(3)
.5
V
1, 2, 3
IIH
Logical "1" Input Current
VCC = 5.5V, VIN= 2.7V
See(3)
-2.0
20
uA
1, 2, 3
IIL
Logical "0" Input Current
VCC = 5.5V, VIN = .4V
See(3)
100
-360
uA
1, 2, 3
II
Input Reverse Current
VCC = 5.5V, VIN = 7V
See(3)
-.01
.1
mA
1, 2, 3
VCC = 5.5V, VO = .5V
See(3)
-20
uA
1, 2, 3
IO
TRI-STATE Output Current
VCC = 5.5V, VO = 2.5V
See(3)
20
uA
1, 2, 3
VIC
Input Clamp Voltage
VCC = 4.5V, IIN = -18mA
See(3)
-1.5
V
1, 2, 3
IOS
Output Short Circuit Current
VCC = 5.5V
See(3)
-30
-150
mA
1, 2, 3
VCC = 5.5V, All Outputs Disabled or
ICC
Power Supply Current
See(3)
80
mA
1, 2, 3
Active
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are ensured only for the conditions as specified in MIL-STD 883, Method 1019, Condition A.
(2)
Parameter tested go-no-go only.
(3)
Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LS31MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com