Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31MW/883 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31MW/883
Description  DS26LS31MQML Quad High Speed Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31MW/883 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS26LS31MW/883 Datasheet HTML 5Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 6Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 7Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 8Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 9Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 10Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 11Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 12Page - Texas Instruments DS26LS31MW/883 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
5962-7802301VEA
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26LS31MJ-QMLV
5962-7802301VEA Q
AM26LS31MW/883
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26LS31MW
/883 Q ACO
/883 Q >T
DS26LS31ME-SMD
ACTIVE
LCCC
NAJ
20
50
TBD
Call TI
Call TI
-55 to 125
DS26LS31ME
-SMD Q
5962-78023
01Q2A ACO
01Q2A >T
DS26LS31MJ-QMLV
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26LS31MJ-QMLV
5962-7802301VEA Q
DS26LS31MJ-SMD
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26LS31MJ-SMD
5962-7802301MEA Q
DS26LS31MJ/883
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26LS31MJ/883 Q
DS26LS31MW/883
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26LS31MW
/883 Q ACO
/883 Q >T
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com