Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL238T Datasheet(PDF) 2 Page - ams AG

Part # TSL238T
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238T Datasheet(HTML) 2 Page - ams AG

  TSL238T Datasheet HTML 1Page - ams AG TSL238T Datasheet HTML 2Page - ams AG TSL238T Datasheet HTML 3Page - ams AG TSL238T Datasheet HTML 4Page - ams AG TSL238T Datasheet HTML 5Page - ams AG TSL238T Datasheet HTML 6Page - ams AG TSL238T Datasheet HTML 7Page - ams AG TSL238T Datasheet HTML 8Page - ams AG TSL238T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSL238T
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS080G − DECEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D High Irradiance Responsivity . . .
3.4 kHz/(mW/cm2) at λp = 640 nm
D Low Dark Frequency ...< 6 Hz at 505 C
D Single-Supply Operation . . . 2.7 V to 5.5 V
D Stable 200 ppm/°C Temperature Coefficient
D Interfaces Directly to a Microcontroller
D Lead (Pb) Free Package
D RoHS Compliant
Description
The TSL238T light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. Output enable (OE) places the output in a high-impedance state for
multiple-unit sharing of a microcontroller input line. The device has been temperature compensated for the
ultraviolet-to-visible light range of 320 nm to 700 nm and responds over the light range of 320 nm to 1050 nm.
The TSL238T is characterized for operation over the temperature range of −40°C to 85°C and is supplied in
a compact 4-lead surface-mount package that is lead (Pb) free and RoHS compliant.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL238T
−40°C to 85°C
4-lead Low Profile Surface Mount
T
TSL238T
Terminal Functions
TERMINAL
NAME
T PKG
NO.
TYPE
DESCRIPTION
GND
2
Power supply ground (substrate). All voltages are referenced to GND.
OE
1
I
Enable for fO (active low).
OUT
4
O
Output frequency.
VDD
3
Supply voltage.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE T
4-LEAD SMD
(TOP VIEW)
OE 1
GND 2
4 OUT
3 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com