Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL238T Datasheet(PDF) 4 Page - ams AG

Part # TSL238T
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238T Datasheet(HTML) 4 Page - ams AG

  TSL238T Datasheet HTML 1Page - ams AG TSL238T Datasheet HTML 2Page - ams AG TSL238T Datasheet HTML 3Page - ams AG TSL238T Datasheet HTML 4Page - ams AG TSL238T Datasheet HTML 5Page - ams AG TSL238T Datasheet HTML 6Page - ams AG TSL238T Datasheet HTML 7Page - ams AG TSL238T Datasheet HTML 8Page - ams AG TSL238T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSL238T
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS080G − DECEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Operating Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fO
Output frequency
Ee = 14.7 μW/cm2
40
50
60
kHz
f
Dark frequency
Ee = 0 μW/cm2
0
0.3
Hz
fD
Dark frequency
Ee = 0 μW/cm2, TA = 50°C (Note 1)
0
6
Hz
Re
Irradiance responsivity
3.4
kHz/(μW/
cm2)
λp
Peak response wavelength
700
nm
Nonlinearity (Note 2)
fO = 0 kHz to 10 kHz
± 1%
% F.S.
Step response to full-scale step input
1 pulse of new
frequency plus 1 μs
Time from OE low to output enabled
1 period of output
frequency
NOTES: 1. Measured at wafer probe using 50°C hot chuck.
2. Nonlinearity is defined as the deviation from a straight line between zero and maximum of stated range, expressed as a percent
of stated range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com