Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS-LF Datasheet(PDF) 13 Page - ams AG

Part # TSL1401CS-LF
Description  128X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS-LF Datasheet(HTML) 13 Page - ams AG

Back Button TSL1401CS-LF Datasheet HTML 9Page - ams AG TSL1401CS-LF Datasheet HTML 10Page - ams AG TSL1401CS-LF Datasheet HTML 11Page - ams AG TSL1401CS-LF Datasheet HTML 12Page - ams AG TSL1401CS-LF Datasheet HTML 13Page - ams AG TSL1401CS-LF Datasheet HTML 14Page - ams AG TSL1401CS-LF Datasheet HTML 15Page - ams AG TSL1401CS-LF Datasheet HTML 16Page - ams AG TSL1401CS-LF Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
12
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL INFORMATION
The TSL1401CS-LF is available in a solder bump linear array package, ready for surface mount manufacturing
processes.
SOLDER BUMP LINEAR ARRAY
Pin 1 SI
Pin 2 HOLD
Pin 3 CLK
Pin 4 GND
Pin 5 GND
Pin 6 AO
Pin 7 SO
Pin 8 VDD
8120
8870 + 25
TOP VIEW
SIDE VIEW
Pixel 1
Pixel 128
645 + 55
8
y 145 + 30
Alignment Marker (Pin 8)
1000 + 25
BOTTOM
VIEW
935 + 30
7
y 1000
4
y 170
4
y 415 + 30
127
y 63.5
128
y 55.5
375 + 25
A
B
128
y 63.5
430.4 + 25
DETAIL A
DETAIL B
505 Typ
Lead Free
Pb
300 + 30
400 + 50
Glass Cover Thickness
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is ± 10 μm unless otherwise noted.
B. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
C. The top of the photodiode active area is 415 μm below the glass that forms the top surface of the package. The index of
refraction of the glass is 1.52.
D. This drawing is subject to change without notice.
Figure 12. TSL1401CS−LF Solder Bump Linear Array Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com