Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS-LF Datasheet(PDF) 6 Page - ams AG

Part # TSL1401CS-LF
Description  128X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS-LF Datasheet(HTML) 6 Page - ams AG

Back Button TSL1401CS-LF Datasheet HTML 2Page - ams AG TSL1401CS-LF Datasheet HTML 3Page - ams AG TSL1401CS-LF Datasheet HTML 4Page - ams AG TSL1401CS-LF Datasheet HTML 5Page - ams AG TSL1401CS-LF Datasheet HTML 6Page - ams AG TSL1401CS-LF Datasheet HTML 7Page - ams AG TSL1401CS-LF Datasheet HTML 8Page - ams AG TSL1401CS-LF Datasheet HTML 9Page - ams AG TSL1401CS-LF Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Dynamic Characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 7 and 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts
Analog output settling time to ± 1%
RL = 330 Ω, CL = 10 pF
120
ns
tpd(SO) Propagation delay time, SO1, SO2
50
ns
TYPICAL CHARACTERISTICS
18 Clock Cycles
129 Clock Cycles
CLK
SI
AO
Internal
Reset
Integration
Hi-Z
Hi-Z
Not Integrating
Integrating
tint
tqt
Figure 1. Timing Waveforms
50%
AO
SI
CLK
Pixel 128
ts
0 V
0 V
5 V
2.5 V
th(SI)
5 V
tsu(SI)
tw
1
2
128
129
Pixel 1
tpd(SO)
tpd(SO)
SO
Figure 2. Operational Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com