Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 18 Page - ams AG

Part # TSL2572
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2572 Datasheet(HTML) 18 Page - ams AG

Back Button TSL2572 Datasheet HTML 14Page - ams AG TSL2572 Datasheet HTML 15Page - ams AG TSL2572 Datasheet HTML 16Page - ams AG TSL2572 Datasheet HTML 17Page - ams AG TSL2572 Datasheet HTML 18Page - ams AG TSL2572 Datasheet HTML 19Page - ams AG TSL2572 Datasheet HTML 20Page - ams AG TSL2572 Datasheet HTML 21Page - ams AG TSL2572 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 11. Status Register
6
75
4
AVALID
2
31
0
STATUS
Reserved
AINT
Reset
0x00
Reserved
FIELD
BIT
DESCRIPTION
Reserved
7:5
Reserved. Bits read as 0.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:1
Reserved. Bits read as 0.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an integration cycle after AEN has been
asserted.
ADC Channel Data Registers (0x14 − 0x17)
ALS data is stored as two 16-bit values. To ensure the data is read correctly, a two-byte read I2C transaction
should be used with auto increment protocol bits set in the command register. With this operation, when the
lower byte register is read, the upper eight bits are stored in a shadow register, which is read by a subsequent
read to the upper byte. The upper register will read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Table 12. ADC Channel Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
C0DATA
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATA
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com