Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 2 Page - ams AG

Part # TSL2572
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2572 Datasheet(HTML) 2 Page - ams AG

  TSL2572 Datasheet HTML 1Page - ams AG TSL2572 Datasheet HTML 2Page - ams AG TSL2572 Datasheet HTML 3Page - ams AG TSL2572 Datasheet HTML 4Page - ams AG TSL2572 Datasheet HTML 5Page - ams AG TSL2572 Datasheet HTML 6Page - ams AG TSL2572 Datasheet HTML 7Page - ams AG TSL2572 Datasheet HTML 8Page - ams AG TSL2572 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain and
Integration Time
− 45,000,000:1 Dynamic Range
− Operation to 60,000 lux in Sunlight
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
− Package UV Rejection Filter
D Maskable Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Wait Timer and Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D Register Set- and Pin-Compatible with the
TSL2x71 Series
D Small 2 mm y 2 mm Dual Flat No-Lead (FN)
Package
Applications
D Display Backlight Control
D Keyboard Illumination Control
D Solid State Lighting Control for Daylight
Harvesting
D Printer Paper Detection
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops,
Monitors and TVs, Portable Media Players
D Medical and Industrial Instrumentation
D White Goods
D Toys
D Industrial/Commercial Lighting
D Digital Signage
D Printers
Description
The TSL2572 device family provides ambient light sensing (ALS) that approximates human eye response to
light intensity under a variety of lighting conditions and through a variety of attenuation materials. Accurate ALS
measurements are the result of TAOS’ patented dual-diode technology and the UV rejection filter incorporated
in the package. In addition, the operating range is extended to 60,000 lux in sunlight when the low-gain mode
is used.
While useful for general purpose light sensing, the TSL2572 device is particularly useful for display
management to provide optimum viewing in diverse lighting conditions while extending battery life. The
TSL2572 device family is ideally suited for use in mobile handsets, TVs, tablets, monitors, and portable media
players where the display backlight may account for 50% to 70% of the system power consumption.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 NC
Not Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com