Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 13 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2591 Datasheet HTML 9Page - ams AG TSL2591 Datasheet HTML 10Page - ams AG TSL2591 Datasheet HTML 11Page - ams AG TSL2591 Datasheet HTML 12Page - ams AG TSL2591 Datasheet HTML 13Page - ams AG TSL2591 Datasheet HTML 14Page - ams AG TSL2591 Datasheet HTML 15Page - ams AG TSL2591 Datasheet HTML 16Page - ams AG TSL2591 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Datasheet - Apr. 2013 - ams163.5
TSL2591 – 13
The CONTROL register is used to configure the ALS gain and
integration time. In addition, a system reset is provided. Upon
power up, the CONTROL register resets to 0x00.
76543
2
1
0
SRESET
Reserved
AGAIN
Reserved
ATIME
Fields
Bits
Description
SRESET
7
System reset. When asserted, the device will reset equivalent to a
power-on reset. SRESET is self-clearing.
Reserved
6
Reserved. Write as 0.
AGAIN
5:4
ALS gain sets the gain of the internal integration amplifiers for both
photodiode channels.
FIELD VALUE
DESCRIPTION
00
Low gain mode
01
Medium gain mode
10
High gain mode
11
Maximum gain mode
Reserved
3
Reserved. Write as 0.
ATIME
2:0
ALS time sets the internal ADC integration time for both
photodiode channels.
FIELD VALUE
INTEGRATION TIME
MAX COUNT
000
100 ms
37888
001
200 ms
65535
010
300 ms
65535
011
400 ms
65535
100
500 ms
65535
101
600 ms
65535
Control Register (0x01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com