Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 6 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 6 Page - ams AG

Back Button TSL2591 Datasheet HTML 2Page - ams AG TSL2591 Datasheet HTML 3Page - ams AG TSL2591 Datasheet HTML 4Page - ams AG TSL2591 Datasheet HTML 5Page - ams AG TSL2591 Datasheet HTML 6Page - ams AG TSL2591 Datasheet HTML 7Page - ams AG TSL2591 Datasheet HTML 8Page - ams AG TSL2591 Datasheet HTML 9Page - ams AG TSL2591 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TSL2591 – 6
Datasheet - Apr. 2013 - ams163.5
Figure TSL2591 – 9:
ALS Characteristics, VDD=3V, TA=25ºC, AGAIN = Max, AEN=1, (unless otherwise noted) (Notes 1, 2, 3),
Notes:
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible white
LEDs and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production
2. The white LED irradiance is supplied by a white light-emitting diode with a nominal color temperature of 4000 K.
3. The 850 nm irradiance is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. Parameter ensured by design and is not 100% tested.
Parameter
Conditions
Channel
Min
Typ
Max
Units
Dark ADC count
value
Ee = 0,
ATIME=000b (100ms)
CH0
CH1
0
0
25
25
counts
ADC integration
time step size
ATIME = 000b (100ms)
95
101
108
ms
ADC number of
integration steps
(Note 4)
16
steps
ADC counts per
step
ATIME = 000b (100ms)
0
37888
counts
ADC count value
ATIME = 101b (600ms)
0
65535
counts
ADC count value
White light (Note 2)
Ee = 4.98 μW/cm
2
ATIME = 000b (100 ms)
CH0
CH1
25500
30000
4996
34500
counts
λp = 850 nm (Note 3)
Ee = 5.62 μW/cm
2,
ATIME = 000b (100 ms)
CH0
CH1
25500
30000
19522
34500
counts
ADC count value
ratio: CH1/CH0
White light (Note 2)
0.116
0.166
0.216
λp = 850 nm (Note 3)
0.456
0.652
0.848
Re
Irradiance
responsivity
White light (Note 2)
ATIME = 000b (100 ms)
CH0
CH1
6024
1003
counts/
(μW/cm2)
λp = 850 nm (Note 3)
ATIME = 000b (100 ms)
CH0
CH1
5338
3474
Noise
(Note 4)
White light (Note 2)
Ee = 4.98 μW/cm
2
ATIME = 000b (100 ms)
CH0
1
2
1 standard
deviation
Gain scaling,
relative to 1× gain
setting
AGAIN = Low
AGAIN = Med
AGAIN = High
AGAIN = Max
1
25
428
9876
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com