Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN4-SF4D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # DCN4-SF4D
Description  General-purpose Peripheral Devices
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN4-SF4D Datasheet(HTML) 2 Page - Omron Electronics LLC

  DCN4-SF4D Datasheet HTML 1Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 2Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 3Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 4Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 5Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 6Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 7Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 8Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Peripheral Devices
155
Product
Appearance
Model
Specifications
Connectors
XW4G-05C1-H1-D
Parallel clamp connector with screws
Connector insertion and wiring both performed horizontally.
XW4G-05C4-TF-D
Parallel multi-branching clamp connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C1-H1-D
Parallel connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C4-T-D
Parallel, screw-less, multi-branching connector
Connector insertion and wiring performed in same direction.
XW4B-05C4-TF-D
Parallel, multi-branching connector with screws
Connector insertion and wiring performed in same direction.
XW4B-05C1-VIR-D
Orthogonal connector with screws
Connector insertion and wiring performed at a right angle.
DeviceNet
Standard
Cables
Thin
Cables
DCA1-5C10(-B)
Outer diameter:
7.00 mm
Length:
100 m
DCA1-5C10-B:
Cable color: Blue
DCA1-5C10:
Cable color: Gray
Thick
Cables
DCA2-5C10(-B)
Outer diameter:
11.6 mm
Length:
100 m
DCA2-5C10-B:
Cable color: Blue
DCA2-5C10:
Cable color: Gray
Terminal-block
Terminator
DRS1-T
Resistance of 121
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com