Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN4-SF4D Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # DCN4-SF4D
Description  General-purpose Peripheral Devices
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN4-SF4D Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button DCN4-SF4D Datasheet HTML 16Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 17Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 18Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 19Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 20Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 21Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 22Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 23Page - Omron Electronics LLC DCN4-SF4D Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
174
Peripheral Devices
26 dia.
16
62.5
4
5
1
2
3
M25 × 2
30
5
4
3
2
1
21
11
4 8.5 4.5
1.5 dia.
25 dia. 2
+0.1
0
37 min.
4.8
5, 1.8 dia.
9.1 dia.
Connector (Plug) with Terminating Resistance
DRS3-1
Panel-mounting Connector (5 Pins for Communications)
XS4M-D521-1
Panel Cutout Dimensions
Wiring
Note: Terminating resistance (121 Ω) is
connected between terminals 4
and 5.
Terminal No.
Name
1
DRAIN : NC
2
V+
: NC
3
V-
: NC
4
CAN H :
CAN L
:
121
Ω
5
PCB Processing Dimensions
Note: A rubber seal and nut for panel mounting are included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com