Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-01L2MS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2SW-01L2MS
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-01L2MS Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2SW-01L2MS Datasheet HTML 1Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 2Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 3Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 4Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 5Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 6Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 7Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sealed Snap Action Switch
D2SW
195
Sealed Snap Action Switch
D2SW
Watertight Miniature Snap Action Switch
• High-quality watertight miniature Snap Action switch.
Switch Body meets IP67 (IEC 529) requirements
• Monoblock construction assures high sealing capability and
is ideal for dusty places or where water is sprayed
• Wide operating temperature range of -40°C to 85°C
• Perfect for the automobile, agriculture machinery, automatic
vending machine, refrigerator, ice-manufacturing,
hot-water supply, air conditioner, and industrial equipment,
which require highly environment-resistive capabilities
• RoHS Compliant
Ordering Information
Note: 1. “S” at the end of the part number signifies UL/CSA approved models.
2. The standard lengths of the lead wires (UL1015 AWG22 for UL/CSA models, AV0.5f otherwise.) of models incorporating them are 30 cm.
Model Number Legend
Actuator
Terminal
Model
Model 3 A
Model 0.1 A
Pin plunger
Solder terminals
D2SW-3HS
D2SW-01HS
Quick-connect terminals (#110)
D2SW-3TS
D2SW-01TS
PCB terminals
D2SW-3DS
D2SW-01DS
With lead wires
D2SW-3MS
D2SW-01MS
Hinge lever
Solder terminals
D2SW-3L1HS
D2SW-01L1HS
Quick-connect terminals (#110)
D2SW-3L1TS
D2SW-01L1TS
PCB terminals
D2SW-3L1DS
D2SW-01L1DS
With lead wires
D2SW-3L1MS
D2SW-01L1MS
Simulated roller lever
Solder terminals
D2SW-3L3HS
D2SW-01L3HS
Quick-connect terminals (#110)
D2SW-3L3TS
D2SW-01L3TS
PCB terminals
D2SW-3L3DS
D2SW-01L3DS
With lead wires
D2SW-3L3MS
D2SW-01L3MS
Hinge roller lever
Solder terminals
D2SW-3L2HS
D2SW-01L2HS
Quick-connect terminals (#110)
D2SW-3L2TS
D2SW-01L2TS
PCB terminals
D2SW-3L2DS
D2SW-01L2DS
With lead wires
D2SW-3L2MS
D2SW-01L2MS
D2SW-
1.
Ratings
3:
3 A at 125 VAC
01:
0.1 A at 30 VDC
2.
Actuator
None: Pin plunger
L1:
Hinge lever
L2:
Hinge roller lever
L3:
Simulated roller lever
3.
Contact Form
None: SPDT
-2:
SPST-NC*
-3:
SPST-NO*
*Lead wire versions only
4.
Terminals
H, HS: Solder terminals (HS for UL and CSA approval)
D, DS: PCB terminals (DS for UL and CSA approval)
T, TS: Quick-connect terminals (#110)
(TS for UL and CSA approval)
M, MS: Molded lead wires (MS for UL and CSA approval)
3 4
2
1


Similar Part No. - D2SW-01L2MS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2SW-01L2MS OMRON-D2SW-01L2MS Datasheet
613Kb / 8P
Sealed Snap Action Switch
More results

Similar Description - D2SW-01L2MS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2HW OMRON-D2HW Datasheet
801Kb / 10P
Sealed Subminiature Snap Action Switch
D2JW OMRON-D2JW Datasheet
525Kb / 8P
Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
Sealed Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com