Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-01L2MS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2SW-01L2MS
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-01L2MS Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2SW-01L2MS Datasheet HTML 1Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 2Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 3Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 4Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 5Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 6Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 7Page - Omron Electronics LLC D2SW-01L2MS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sealed Snap Action Switch
D2SW
197
■ Approvals
Consult your OMRON sales representative for specific models with
standard approvals.
UL Recognized, CSA Certified
EN 61058-1 (VDE Approval)
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Engineering data
■ Mounting
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m.
■ PCB Layout (reference)
■ Structure
Rated Voltage
D2SW-3
D2SW-01
125 VAC
250 VAC
3 A
2 A
0.1 A
- - -
30 VDC
3 A
0.1 A
Rated Voltage
D2SW-01
125 VAC
0.1 A
Item
D2SW-3
D2SW-01
Specification
Rivet
Crossbar
Material
Silver
Gold alloy
Gap (standard value)
0.5 mm
Inrush current
NC: 20 A max.
NO: 10 A max.
1 A max.
Minimum applicable load
(see note)
160 mA at 5 VDC 1 mA at 5 VDC
Two, 2.4-dia. mounting hole or M2.3 screw hole
9.5
Panel Mounting
PCB Mounting
8.8
±0.2
16.1
±0.2
Three, 1.35-dia. to 1.5 holes
NC
(Red*)
NO
(Blue*)
COM
(Black*)
NC
(Red)
COM
(Black)
SPDT
SPST-NC
NO
(Blue)
COM
(Black)
SPST-NO
*Indicates the color of the lead wire.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com