Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C080 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C080 Datasheet HTML 2Page - ATMEL Corporation AT27C080 Datasheet HTML 3Page - ATMEL Corporation AT27C080 Datasheet HTML 4Page - ATMEL Corporation AT27C080 Datasheet HTML 5Page - ATMEL Corporation AT27C080 Datasheet HTML 6Page - ATMEL Corporation AT27C080 Datasheet HTML 7Page - ATMEL Corporation AT27C080 Datasheet HTML 8Page - ATMEL Corporation AT27C080 Datasheet HTML 9Page - ATMEL Corporation AT27C080 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AT27C080
9
Ordering Information
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
40
0.1
AT27C080-90DC
AT27C080-90JC
AT27C080-90PC
AT27C080-90RC
AT27C080-90TC
32DW6
32J
32P6
32R
32T
Commercial
(0
°C to 70°C)
40
0.1
AT27C080-90DI
AT27C080-90JI
AT27C080-90PI
AT27C080-90RI
AT27C080-90TI
32DW6
32J
32P6
32R
32T
Industrial
(-40
°C to 85°C)
100
40
0.1
AT27C080-10DC
AT27C080-10JC
AT27C080-10PC
AT27C080-10RC
AT27C080-10TC
32DW6
32J
32P6
32R
32T
Commercial
(0
°C to 70°C)
40
0.1
AT27C080-10DI
AT27C080-10JI
AT27C080-10PI
AT27C080-10RI
AT27C080-10TI
32DW6
32J
32P6
32R
32T
Industrial
(-40
°C to 85°C)
(continued)
Package Type
32DW6
32-Lead, 0.600" Windowed, Ceramic Dual Inline Package (Cerdip)
32J
32-Lead,Plastic J-Leaded Chip Carrier (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32R
32-Lead, 0.450" Wide, Plastic Gull Wing Small Outline (SOIC)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com