Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27C080 Datasheet HTML 2Page - ATMEL Corporation AT27C080 Datasheet HTML 3Page - ATMEL Corporation AT27C080 Datasheet HTML 4Page - ATMEL Corporation AT27C080 Datasheet HTML 5Page - ATMEL Corporation AT27C080 Datasheet HTML 6Page - ATMEL Corporation AT27C080 Datasheet HTML 7Page - ATMEL Corporation AT27C080 Datasheet HTML 8Page - ATMEL Corporation AT27C080 Datasheet HTML 9Page - ATMEL Corporation AT27C080 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AT27C080
7
AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Notes:
1. V
CC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven—
see timing diagram.
3. Program Pulse width tolerance is 50
µs ± 5%.
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
t
AS
Address Setup Time
Input Rise and Fall Times:
(10% to 90%) 20 ns.
Input Pulse Levels:
0.45V to 2.4V
Input Timing Reference Level:
0.8V to 2.0V
Output Timing Reference Level:
0.8V to 2.0V
2.0
µs
t
OES
OE/V
PP Setup Time
2.0
µs
t
OEH
OE/V
PP Hold Time
2.0
µs
t
DS
Data SetupTime
2.0
µs
t
AH
Address Hold Time
0.0
µs
t
DH
Data Hold Time
2.0
µs
t
DFP
CE High to Output Float Delay(2)
0.0
130
ns
t
VCS
V
CC Setup Time
2.0
µs
t
PW
CE Program Pulse Width(3)
47.5
52.5
µs
t
DV
Data Valid from CE
1.0
µs
t
VR
OE/V
PP Recovery Time
2.0
ns
t
PRT
OE/V
PP Pulse Rise Time During
Programming
50
ns
Atmel’s 27C080 Integrated Product Identification Code
Pins
Codes
A0
O7
O6
O5
O4
O3
O2
O1
O0
Hex Data
Manufacturer
000011110
1E
Device Type
110001010
8A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com