Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCDLND030PASA3 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # HSCDLND030PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCDLND030PASA3 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  HSCDLND030PASA3 Datasheet HTML 1Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 2Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DESCRIPTION
The TruStability
® High Accuracy Silicon Ceramic (HSC) Series
is a piezoresistive silicon pressure sensor offering a digital
output for reading pressure over the specified full scale
pressure span and temperature range.
The HSC Series is fully calibrated and temperature
compensated for sensor offset, sensitivity, temperature effects,
and non-linearity using an on-board Application Specific
Integrated Circuit (ASIC). Calibrated output values for pressure
are updated at approximately 2 kHz.
The HSC Series is calibrated over the temperature range of
0 °C to 50 °C [32 °F to 122 °F]. The sensor is characterized for
operation from a single power supply of either 3.3 Vdc or
5.0 Vdc.
These sensors measure absolute, differential, and gage
pressures. The absolute versions have an internal vacuum
reference and an output value proportional to absolute
pressure. Differential versions allow application of pressure to
either side of the sensing diaphragm. Gage versions are
referenced to atmospheric pressure and provide an output
proportional to pressure variations from atmosphere.
The TruStability
® pressure sensors are intended for use with
non-corrosive, non-ionic gases, such as air and other dry
gases. An available option extends the performance of these
sensors to non-corrosive, non-ionic liquids.
All products are designed and manufactured according to ISO
9001 standards.
FEATURES
Industry-leading long-term stability
Extremely tight accuracy of 0.25% FSS BFSL (Full Scale
Span Best Fit Straight Line)
Total error band of 1% full scale span maximum
Modular and flexible design offers customers a variety of
package styles and options, all with the same industry-
leading performance specifications
Miniature 10 mm x 10 mm [0.39 in x 0.39 in] package
Low operating voltage
Extremely low power consumption
I
2C- or SPI-compatible 14-bit digital output (min. 12-bit
sensor resolution)
Precision ASIC conditioning and temperature compensated
over 0 C to 50 C [32 F to 122 F] temperature range
RoHS compliant
Virtually insensitive to mounting orientation
Internal diagnostic functions increase system reliability
Also available with analog output
Absolute, differential and gage types
Pressure ranges from 1 psi to 150 psi (60 mbar to 10 bar)
Custom calibration available
Various pressure port options
Liquid media option


Similar Part No. - HSCDLND030PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HSCDLND150PG2A3 HONEYWELL-ACC-HSCDLND150PG2A3 Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
HSCDLND150PG2A5 HONEYWELL-ACC-HSCDLND150PG2A5 Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
HSCDLND150PG2B3 HONEYWELL-ACC-HSCDLND150PG2B3 Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
HSCDLND150PG2C3 HONEYWELL-ACC-HSCDLND150PG2C3 Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
HSCDLND150PG2F3 HONEYWELL-ACC-HSCDLND150PG2F3 Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
More results

Similar Description - HSCDLND030PASA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_3 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_5 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_7 Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
TruStability® Board Mount Pressure Sensors
August 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com