Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSCDLND030PASA3 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # HSCDLND030PASA3
Description  TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HSCDLND030PASA3 Datasheet(HTML) 6 Page - Honeywell Accelerometers

Back Button HSCDLND030PASA3 Datasheet HTML 2Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 3Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 4Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 5Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 6Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 7Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 8Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 9Page - Honeywell Accelerometers HSCDLND030PASA3 Datasheet HTML 10Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.honeywell.com/sensing
Table 8. Pressure Range Specifications for 60 mbar to 10 bar
Order Code
Pressure Range
Over-
pressure
16
Burst
Pressure
17
Common Mode
Pressure
18
Long-term
Stability
(1000 hr,
25 C [77 F])
Pmin
Pmax
Absolute
001BA
0 bar
1 bar
2 bar
4 bar
NA
0.25% FSS
1.6BA
0 bar
1.6 bar
4 bar
8 bar
NA
0.25% FSS
2.5BA
0 bar
2.5 bar
6 bar
8 bar
NA
0.25% FSS
004BA
0 bar
4 bar
8 bar
16 bar
NA
0.25% FSS
006BA
0 bar
6 bar
17 bar
17 bar
NA
0.25% FSS
010BA
0 bar
10 bar
17 bar
17 bar
NA
0.25% FSS
Differential
060MD
-60 mbar
60 mbar
500 mbar
700 mbar
10 bar
0.35% FSS
100MD
-100 mbar
100 mbar
500 mbar
700 mbar
10 bar
0.35% FSS
160MD
-160 mbar
160 mbar
500 mbar
700 mbar
10 bar
0.35% FSS
250MD
-250 mbar
250 mbar
1.4 bar
2.5 bar
10 bar
0.35% FSS
400MD
-400 mbar
400 mbar
1.4 bar
2.5 bar
10 bar
0.35% FSS
600MD
-600 mbar
600 mbar
2 bar
4 bar
10 bar
0.25% FSS
001BD
-1 bar
1 bar
2 bar
4 bar
10 bar
0.25% FSS
1.6BD
-1.6 bar
1.6 bar
4 bar
8 bar
10 bar
0.25% FSS
2.5BD
-2.5 bar
2.5 bar
6 bar
8 bar
10 bar
0.25% FSS
004BD
-4 bar
4 bar
8 bar
16 bar
10 bar
0.25% FSS
Gage
060MG
0 mbar
60 mbar
500 mbar
700 mbar
3.5 bar
0.35% FSS
100MG
0 mbar
100 mbar
500 mbar
700 mbar
10 bar
0.35% FSS
160MG
0 mbar
160 mbar
500 mbar
700 mbar
10 bar
0.35% FSS
250MG
0 mbar
250 mbar
1.4 bar
2.5 bar
10 bar
0.35% FSS
400MG
0 mbar
400 mbar
1.4 bar
2.5 bar
10 bar
0.35% FSS
600MG
0 mbar
600 mbar
2 bar
4 bar
10 bar
0.35% FSS
001BG
0 bar
1 bar
2 bar
4 bar
10 bar
0.25% FSS
1.6BG
0 bar
1.6 bar
4 bar
8 bar
10 bar
0.25% FSS
2.5BG
0 bar
2.5 bar
6 bar
8 bar
10 bar
0.25% FSS
004BG
0 bar
4 bar
8 bar
16 bar
16 bar
0.25% FSS
006BG
0 bar
6 bar
17 bar
17 bar
17 bar
0.25% FSS
010BG
0 bar
10 bar
17 bar
17 bar
17 bar
0.25% FSS
Notes:
16. Overpressure: The maximum pressure which may safely be applied to the product for it to remain in specification once pressure is returned to
the operating pressure range. Exposure to higher pressures may cause permanent damage to the product. Unless otherwise specified this
applies to all available pressure ports at any temperature with the operating temperature range.
17. Burst pressure: The maximum pressure that may be applied to any port of the product without causing escape of pressure media. Product
should not be expected to function after exposure to any pressure beyond the burst pressure.
18. Common mode pressure: The maximum pressure that can be applied simultaneously to both ports of a differential pressure sensor without
causing changes in specified performance.
Table 9. Pinout for SMT and DIP Packages
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
I
2C
GND
Vsupply
SDA
SCL
NC
NC
NC
NC
SPI
GND
Vsupply
MISO
SCLK
SS
NC
NC
NC
Table 10. Pinout for SIP Package
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
I
2C
GND
Vsupply
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com