Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9422CSF70 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/6
5
Maximum number of auxiliary contacts that can be fitted
Contactors
Instantaneous auxiliary contact blocks
Time delay
Type
Number of poles and size
Side mounting
Front mounting
Front mounting
1 contact
2 contacts
4 contacts
AC
3PLC1D09–D38
1 on LH side and
-
1
or 1
or 1
LC1D40–D95(50/60 Hz)
1 on each side or
2
and 1
or 1
or 1
LC1D40–D95 (50 or 60 Hz)
1 on each side and 2
and 1
or 1
or 1
LC1D115 and D150
1 on LH side
-
and 1
or 1
or 1
4PLC1DT20–DT40
1 on LH side
-
1
or 1
or 1
LC1D65and D80
1 on each side or
1
or 1
or 1
or 1
LC1D115
1 on each side and 1
or 1
or 1
or 1
DC
3PLC1D09–D38
-
-
1
or 1
or 1
LC1D40–D95
-
1
or 1
or 1
or 1
LC1D115 and D150
1 on LH side and
-
1
or 1
or 1
4PLC1DT20–DT40
-
-
1
or 1
or 1
LP1D65 and D80
-
2
and 1
or 1
or 1
LC1D115
1 on each side
-
and 1
or 1
or 1
Low Consumption
3PLC1D09–D38
--1
--
4PLC1DT20–DT40
--1
Auxiliary contact blocks
■
■
■
■
■ instantaneous, for connection by screw clamp terminals
■
■
■
■
■ time delay
■
■
■
■
■ front mounting
■
■
■
■
■ side mounting
■
■
■
■
■ front mounting
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Composition
Catalognumber
Type
Range
Catalognumber
N.O. N.C.
N.O. N.C.
N.O. N.C.
N.O. N.C.
1-
LADN10
11
LADN11
22
LADN22
11
LAD8N11
On-delay
0.1–3 s
LADT0
-1
LADN01
2-
LADN20
13
LADN13
2-
LAD8N20
0.1–30 s
LADT2
-2
LADN02
4-
LADN40
-2
LAD8N02
10–180 s
LADT4
-4
LADN04
Off-delay
0.1–3 s
LADR0
31
LADN31
0.1–30 s
LADR2
10–180 s
LADR4
Te
Sys
D-line
Contactors
0.5–125 Hp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com