Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9422CSF70 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 9422CSF70
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF70 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 9422CSF70 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF70 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/8
5
Rated operational current
Ie max AC-3 (Ue - 440V)
185 A
225 A
265 A
330 A
Ie AC-1 (
θ - 40° C)
275 A
315 V
350 A
400 A
Rated operational voltage
1 000 V
1 000 V
1 000 V
1 000 V
Number of poles
3 or 4
3 or 4
3 or 4
3 or 4
Rated operational power
220/240 V
75 Hp
75 Hp
100 Hp
125 Hp
in category AC3
380/400 V
125 Hp
150 Hp
200 Hp
250 Hp
415 V
125 Hp
150 Hp
175 Hp
220 Hp
440 V
125 Hp
150 Hp
175 Hp
300 Hp
500 V
150 Hp
175 Hp
250 Hp
300 Hp
660/690 V
150 Hp
175 Hp
250 Hp
350 Hp
1000 V
125 Hp
125 Hp
200 Hp
250 Hp
Contactor type(1)
LC1F185
LC1F225
LC1F265
LC1F330
Reversing contactor type (1)
LC2F185
LC2F225
LC2F265
(1) Basic catalog number to be completed by adding the coil voltage code. Example: LC1F18567.
Standard control circuit voltages
AC supply
Volts
24
48
110
115
120
208
220
230
240
380
400
415
440
Contactors LC1F115–F225
(0.85–1.1UC)
50 Hz (coil LX1)
B5
E5
F5
FE5
-
-
M5
P5
U5
Q5
V5
N5
-
60 Hz (coil LX1)
-
E6F6-
G6
L6M6
-
U6
Q6
-
-
R6
U7
40–400 Hz (coil LX9)
-
E7
F7
FE7
G7
L7
M7
P7
U7
Q7
V7
N7
R7
Contactors LC1F265–F330
U7
40–400 Hz (coil LX1)
B7
E7
F7
FE7
G7
L7
M7
P7
U7
Q7
V7
N7
R7
Contactors LC1F400–F630
U7
40–400 Hz (coil LX1)
-
E7F7FE7
G7 (1)
L7
M7
P7
U7
Q7
V7
N7
R7
Contactor LC1F780
U7
40–400 Hz (coil LX1)
-
-
F7
FE7
F7
L7
M7
P7
U7
Q7
V7
N7
R7
Contactor LC1F800
U7
40–400 Hz (coil LX1)
-
-
FE7
FE7
FE7
-
P7
P7
P7
V7
V7
V7
V7
Y7
DC supply
Volts
24
48
110
125
220
230
250
400
440
Contactors LC1F115–F330
(0.85–1.1UC)
(coil LX4F)
BD
ED
FD
GD
MD
MD
UD
-
RD
Contactors LC1F400–F630
(0.85–1.1UC)
(coil LX4F)
-ED
FD
GD
MD
-UD
-
RD
Contactor LC1F780
(0.85–1.1UC)
(coil LX4F)
--
FD
GD
MD
-UD
-
RD
Contactor LC1F800
(0.85–1.1UC)
(coil LX4F)
-
-
FW
FW
MW
MW
-
QW
-
Example: For a 630 A contactor with a 110 VAC coil, order LC1F630F7.
(1) F7 for LC1F630.
Te
Sys
F-line
Contactors
30–900 Hp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com