Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54SW
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54SW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◇
Fast switching speed
◇
Surface device type mounting
◇
Moisture sensitivity level 1
◇
Pb free version and RoHS compliant
◇
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
◇
Low forward voltage
◇
Case :SOT-323 small outline plastic package
◇
Weight : 5mg (approximately)
◇
Ultra high-speed swithing
◇
Voltage clamping
◇
Protection circuits
BAT54W
SOT-323
3K / 7" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Absolute Maximum Ratings (TA=25℃)
Symbol
Units
VRRM
V
VR
V
IF
mA
IFRM
mA
IFSM
mA
Ptot
mW
RthjA
K/W
TJ
OC
TSTG
OC
Characteristics at TA=25℃
Symbol
Units
Forward Voltage
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
Version:B13
Reverse Voltage
Value
30
Forward Current
Packing
Peak Repetitive Reverse Voltage
Repetitive Peak Forward Current
300
30
BAT54W/AW/CW/SW
Features
Features
SOT-323
Application
Small Signal Product
Schottky Barrier Diode
Junction Temperature
125
1000
Peak Forward Surge Current (tp=10ms)
600
Total Power Dissipation
200
Parameter
Thermal Resistance form Junction Ambient
625
Mechanical Data
Note:Detail please see "Ordering Information(detail, example)" below.
◇
High temperature soldering guaranteed: 260°C/10s
Manufacture code
B0
Packing code
(Green)
RFG
Packing code
RF
mV
Ordering Information (example)
Part No.
VF
200
Parameter
Package
Storage Temperature Range
- 65 to + 150
Max.
-
Reverse Breakdown Voltage
at IR = 100 uA
V(BR)R
Min.
-
-
-
-
10
5
240
320
400
500
Reverse Current
at VR = 25 V
Total Capacitance
at VR = 1 V, f = 1 MHz
Reverse Revovery Time
at IF = 10 mA through IR = 10 mA to IR = 1 mA, RL = 100 Ω
IR
CT
trr
V
uA
pF
ns
30
-
-
-
-
2


Similar Part No. - BAT54SW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54SW PANJIT-BAT54SW Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54SW PHILIPS-BAT54SW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54SW STMICROELECTRONICS-BAT54SW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54SW DIODES-BAT54SW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54SW DIOTEC-BAT54SW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
More results

Similar Description - BAT54SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com