Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5015 Datasheet(PDF) 13 Page - ITT Industries

Part # 5015
Description  MIL-C-5015 Connectors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

5015 Datasheet(HTML) 13 Page - ITT Industries

Back Button 5015 Datasheet HTML 7Page - ITT Industries 5015 Datasheet HTML 8Page - ITT Industries 5015 Datasheet HTML 9Page - ITT Industries 5015 Datasheet HTML 10Page - ITT Industries 5015 Datasheet HTML 11Page - ITT Industries 5015 Datasheet HTML 12Page - ITT Industries 5015 Datasheet HTML 13Page - ITT Industries 5015 Datasheet HTML 14Page - ITT Industries 5015 Datasheet HTML 15Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ittcannon.com
179
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
How to Order
Wall Mounting Receptacle
MS3103
Nylon Potting Cup
Threaded Attachment Ring
CA3100ER
PREFIX
PREFIX
CA - ITT Cannon prefix indicating special applica-
tion or variation of MS
The CA3100ER receptacle (MS3103) is supplied with a resilient insulator and nylon potting cup with a
threaded attachment ring. This receptacle mates with 3106, 3107, and 3108 plugs.
S
R
Polarizing
Boss
T Dia.
4 Mtg. Holes
A Thd.
L
Coupling thread diameter figured in sixteenths of
an inch
See pages 171-174
P for Pin: S for Socket
3100 - Wall mounting receptacle (MS3103)
3106 - Straight plug (MS25183)
3108 - 90˚ angle plug
ER - Resilient insulator, nylon potting cup and
thread attachment ring
No class designator for MS types.
SHELL STYLE
SHELL STYLE
MS
MS
CA
25183
3103
3100
-
-
ER
18
18
18
10
10
10
P
P
P
-
-
-
COTNACT ARRANGEMENTS
COTNACT TYPE
SHELL STYLE
CLASS
CLASS
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
Shell
Size
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
L
Max.
R
+
_.005 (+
_0.13)
R
+.010 (+0.25)
-.005 (+0.13)
S
Max.
A
Thread
.594 (15.09)
.719 (18.26)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
.812 (20.62)
.906 (23.01)
.968 (24.59)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
1.562 (39.67)
1.750 (44.45)
1.938 (49.23)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.531 (38.89)
1.968 (49.99)
1.968 (49.99)
1.968 (49.99)
1.968 (49.99)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
2.188 (55.58)
.906 (23.01)
1.031 (26.19)
1.031 (26.19)
1.125 (28.58)
1.219 (30.96)
1.312 (33.32)
1.125 (28.58)
1.219 (30.96)
1.312 (33.32)
1.406 (35.71)
1.531 (38.89)
1.656 (42.06)
1.781 (45.24)
2.031 (51.59)
2.281 (57.94)
2.531 (64.29)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.147 (3.73)
.147 (3.73)
.173 (4.39)
.173 (4.39)
1/2-28UNEF-2A
5/8-24NEF-2A
5/8-24NEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
3/4-20UNEF-2A
1-20UNEF-2A
1-1/8-18NEF-2A
1-1/4-18NEF-2A
1-3/8-18NEF-2A
1-1/2-18NEF-2A
1-3/4-18NS-2A
2-18NS-2A
2-1/4-16UN-2A
MS type potting connectors are available with nylon
cups. 00 and 06 shell styles with plastic cups and
resilient
insulators
meet
the
requirments
of
MS3103 and MS25183. Also available is the 08
plug with resilient insulator and 90˚ angle nylon
potting cup.
ITT Cannon provides for a 1/4" clearance for
potting on all contact sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com