Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB633 Datasheet(PDF) 1 Page - ITT Industries

Part # ASTMB633
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB633 Datasheet(HTML) 1 Page - ITT Industries

  ASTMB633 Datasheet HTML 1Page - ITT Industries ASTMB633 Datasheet HTML 2Page - ITT Industries ASTMB633 Datasheet HTML 3Page - ITT Industries ASTMB633 Datasheet HTML 4Page - ITT Industries ASTMB633 Datasheet HTML 5Page - ITT Industries ASTMB633 Datasheet HTML 6Page - ITT Industries ASTMB633 Datasheet HTML 7Page - ITT Industries ASTMB633 Datasheet HTML 8Page - ITT Industries ASTMB633 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
AMSC N/A
FSC 5935
MIL-DTL-24308G
w/AMENDMENT 2
1 August 2012
SUPERSEDING
MIL-DTL-24308G
w/AMENDMENT 1
25 January 2011
DETAIL SPECIFICATION
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL,
MINIATURE, POLARIZED SHELL, RACK AND PANEL,
GENERAL SPECIFICATION FOR
This specification is approved for use by all Departments and Agencies of the Department of Defense.
1. SCOPE
1.1 Scope. This specification covers the requirements for nonenvironmental, polarized shell, miniature, rack and
panel connectors having pin and socket, crimp (removable), solder (nonremovable), or insulation displacement
(nonremovable) contacts with rigid or float mounting, designed for -55°C to +125°C operating temperature range.
1.2 Part or Identifying Number (PIN). The PIN is to consist of the letter "M", the basic number of the specification
sheet, an assigned dash number and a suffix letter for the finish if applicable (see 3.1):
M
24308/1
-1
F
Military designation
Specification
Dash number
Finish (see note 1)
sheet number
For class G:
A = Pure electrodeposited aluminum.
F = Cadmium (see note 2).
K = Zinc nickel.
T = Nickel Fluorocarbon Polymer.
Z = Zinc (see note 3).
For class N:
A = Pure electrodeposited aluminum.
F = Cadmium (see note 2).
K = Zinc nickel
T = Nickel Fluorocarbon Polymer.
P = Passivated stainless steel.
Z = Zinc (see note 3).
For class H:
Class H connectors have a tin finish, no suffix required
For class M:
Class M connectors have a gold finish,
no suffix is required.
For classes D and K:
Class D and class K connectors have a nickel.
finish, no suffix is required.
NOTES:
1. Prior to 1 July 1987, a suffix for finish was not included in the PIN.
2. A “F” suffix PIN is to be used for connectors with a cadmium finish and made after 1 July 1987.
3. Manufactures and their selling agents and distributors may ship stock of “No Suffix” zinc finished connectors
no more than 6 months from the date of this document.
INCH-POUND
Comments, suggestions, or questions on this document should be addressed to DLA Land and Maritime,
ATTN: VAI, P.O. Box 3990, Columbus, OH 43218-3990 or email RectangularConnector@dla.mil. Since
contact information can change, you may want to verify the currency of this address information using the
ASSIST Online database at https://assist.dla.mil/.


Similar Part No. - ASTMB633

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ASTMB633 ITT-ASTMB633 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
More results

Similar Description - ASTMB633

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Molex Electronics Ltd.
0051242021 MOLEX1-0051242021 Datasheet
102Kb / 1P
15CK LFH PLUG INSERT MOLDED CONTANCT ASSEMBLY - SALES DETAIL
logo
Rohm
FMC3AT148 ROHM-FMC3AT148 Datasheet
106Kb / 3P
This specification covers the detail requirements for one type silicon epitaxial planar digital transistor designed for switichng circuit
logo
List of Unclassifed Man...
570-290-721 ETC2-570-290-721 Datasheet
178Kb / 1P
570 Series, Female Crimp Detail
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
869 MHz Low Pass Filter Detail Specification
logo
List of Unclassifed Man...
SR45-0 ETC2-SR45-0 Datasheet
537Kb / 2P
DETAIL EXTRUSION SIDE RAIL
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
Purpose of the Application Note is to detail the startup behaviour
23-Sep-2013
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
logo
List of Unclassifed Man...
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
P.C.B HOLE DETAIL
2005 01.07
logo
EDAC, All Rights Reserv...
387-006-523-612 EDAC-387-006-523-612 Datasheet
138Kb / 3P
337 / 387 Series Card Edge Connector 337 ENG MASTER Contact Bend Detail
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com