Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB633 Datasheet(PDF) 16 Page - ITT Industries

Part # ASTMB633
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB633 Datasheet(HTML) 16 Page - ITT Industries

Back Button ASTMB633 Datasheet HTML 12Page - ITT Industries ASTMB633 Datasheet HTML 13Page - ITT Industries ASTMB633 Datasheet HTML 14Page - ITT Industries ASTMB633 Datasheet HTML 15Page - ITT Industries ASTMB633 Datasheet HTML 16Page - ITT Industries ASTMB633 Datasheet HTML 17Page - ITT Industries ASTMB633 Datasheet HTML 18Page - ITT Industries ASTMB633 Datasheet HTML 19Page - ITT Industries ASTMB633 Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
16
4.3.1.2 Qualification of additional connectors. For all other connector sizes of the same type, class, and style of
termination for which qualification is desired, two each of the completely assembled plugs and receptacles shall be
subjected to the examinations and tests in the sequence shown in table XI. Mating plugs and receptacles shall be
furnished.
4.3.1.3 Preparation of samples. Connectors shall be wired with approximately 2 feet of wire in accordance with
NEMA HP 3, type E and table X. Half of the connectors of each type shall be wired with the maximum wire size and
the remainder shall be wired with the minimum wire size specified in table X. Termination of wires to contacts shall be
accomplished as follows: A MIL-C-22520/2 crimping tool (see 3.1), shall be used for removable contacts. Soldering
shall be used for nonremovable contacts. Insulation displacement connectors shall use flexible, flat, unshielded, round
conductor cable (see 3.3.1).
TABLE X. Test wire sizes.
Contact size
Maximum
wire size
Minimum
wire size
20
20
24
22D
22
28
IDC
28 stranded
28 stranded
4.3.2 Inspection routine. The sample shall be subjected to the inspections specified in table XI, in the order shown.
All sample units shall be subjected to visual and mechanical inspection before wiring (see 4.3.1.2 and 4.4.1).
4.3.3 Failures. One or more failures shall be cause for refusal to grant qualification approval.
4.3.4 Verification of qualification. To retain qualification, the contractor shall verify in coordination with the qualifying
activity the capability of manufacturing products which meet the requirements of this specification. Refer to the
qualifying activity for the guidelines necessary to retain qualification to this specification. The contractor shall
immediately notify the qualifying activity when inspection data indicates failure of the qualified product to meet the
requirements of this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com