Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 4Page - NXP Semiconductors PCF2116 Datasheet HTML 5Page - NXP Semiconductors PCF2116 Datasheet HTML 6Page - NXP Semiconductors PCF2116 Datasheet HTML 7Page - NXP Semiconductors PCF2116 Datasheet HTML 8Page - NXP Semiconductors PCF2116 Datasheet HTML 9Page - NXP Semiconductors PCF2116 Datasheet HTML 10Page - NXP Semiconductors PCF2116 Datasheet HTML 11Page - NXP Semiconductors PCF2116 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1997 Apr 07
8
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
8.2
LCD supply voltage generator, PCF2116K
In the PCF2116K version, V0 is connected through an
on-chip resistor (R0) to VLCD. Resistor R0 has a nominal
value of 1 M
Ω and draws a typical current of 4 µA from the
pin V0. A constant voltage (equal to 1.34VDD) is always
present across R0.
The voltage range of the PCF2116K is between VSS and
VDD − 0.5 V (see Fig.4). When V0 is connected to VDD the
generator is switched off and an external voltage must be
supplied to pin VLCD. This may be more negative than VSS.
When G = logic 1 the generator produces a negative
voltage at pin VLCD, controlled by the input voltage at
pin V0. The LCD operating voltage is given by the
relationship:
VOP = 2.34VDD − V0
Where:
VOP =VDD − VLCD
VLCD =V0 − (1.34VDD)
When G = logic 0, the generated output voltage VLCD is
equal to V0 (between VSS and VDD). In this instance:
VOP =VDD − V0
8.3
Character generator ROM (CGROM)
The standard character sets A, C and G are available for
the PCF2114x and PCF2116x. Standard character set C is
available for the PCF2116K.
8.4
LCD bias voltage generator
The intermediate bias voltages for the LCD display are
also generated on-chip. This removes the need for an
external resistive bias chain and significantly reduces the
system power consumption. The optimum levels depend
on the multiplex rate and are selected automatically when
the number of lines in the display is defined.
The optimum value of VOP depends on the multiplex rate,
the LCD threshold voltage (Vth) and the number of bias
levels and is given by the relationships in Table 1.Using a
5-level bias scheme for 1 : 16 MUX rate allows VOP <5V
for most LCD liquids. The effect on the display contrast is
negligible.
8.5
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required.
Pin OSC must be connected to VDD.
8.6
External clock
If an external clock is to be used, it must be input at
pin OSC. The resulting display frame frequency is given by
fframe = 1⁄2304fosc . A clock signal must always be present,
otherwise the LCD may be frozen in a DC state.
8.7
Power-on reset
The power-on reset block initializes the chip after
power-on or power failure.
8.8
Registers
The PCF2116 has two 8-bit registers, an Instruction
Register (IR) and a Data Register (DR). The Register
Select signal (RS) determines which register will be
accessed.
The instruction register stores instruction codes such as
‘Display clear’ and ‘Cursor shift’, and address information
for the Display Data RAM (DDRAM) and Character
Generator RAM (CGRAM). The instruction register can be
written to, but not read, by the system controller.
The data register temporarily stores data to be read from
the DDRAM and CGRAM. When reading, data from the
DDRAM or CGRAM corresponding to the address in the
Address Counter is written to the data register prior to
being read by the ‘Read data’ instruction.
8.9
Busy Flag
The Busy Flag indicates the free/busy status of the
PCF2116. Logic 1 indicates that the chip is busy and
further instructions will not be accepted. The Busy Flag is
output to pin DB7 when RS = logic 0 and R/W = logic 1.
Instructions should only be written after checking that the
Busy Flag is logic 0 or waiting for the required number of
clock cycles.
Table 1
Optimum values for VOP
MUX RATE
NUMBER OF BIAS
LEVELS
VOP/Vth
DISCRIMINATION
Von/Voff
1 : 16
5
3.67
1.277
1 : 32
6
5.19
1.196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com