Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116 Datasheet (PDF) - NXP Semiconductors

PCF2116 Datasheet PDF - NXP Semiconductors
Part # PCF2116
Download  PCF2116 Download
File Size   277.54 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD controller/drivers

PCF2116 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2116 Datasheet PDF - NXP Semiconductors

Part # PCF2116
Download  PCF2116 Click to download

File Size   277.54 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD controller/drivers

PCF2116 Datasheet (HTML) - NXP Semiconductors


PCF2116 Product details

GENERAL DESCRIPTION
The PCF2116 family of LCD controller/drivers consists of the PCF2116x, the PCF2114x and the PCF2116K.
The term ‘PCF2116’ is used to refer to all devices for common information. Specific information is given in separate paragraphs.
The ‘x’ in ‘PCF2116x’ and ‘PCF2114x’ represents a specific letter code for a character set in the character generator ROM (CGROM). The different character sets currently available are specified by the letters A, C, and G (see Figs 8 to 10). Other character sets are available on request.
The PCF2116 is a low-power CMOS LCD controller and driver, designed to drive a split screen dot matrix LCD display of 1 or 2 lines by 24 characters or 2 or 4 lines by 12 characters with 5 × 8 dot format. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower system power consumption. The chip contains a character generator and displays alphanumeric and kana (Japanese) characters. The PCF2116 interfaces to most microcontrollers via a 4 or 8-bit bus or via the 2-wire I2C-bus. To allow partial VDD shutdown the ESD protection system of the SCL and SDA pins does not use a diode connected to VDD.

The PCF2116K differs from the other members of the family in that:
• VLCD/VOP generation is different (see Section 8.1)
• It is available with character set C only (see Fig.9).

FEATURES
• Single chip LCD controller/driver
• 1 or 2-line display of up to 24 characters per line, or
   2 or 4 lines of up to 12 characters per line
• 5 × 7 character format plus cursor; 5 × 8 for kana
   (Japanese syllabary) and user defined symbols
• On-chip:
   – generation of LCD supply voltage (external supply
      also possible)
   – generation of intermediate LCD bias voltages
   – oscillator requires no external components (external
      clock also possible)
• Display data RAM: 80 characters
• Character generator ROM: 240 characters
• Character generator RAM: 16 characters
• 4 or 8-bit parallel bus or 2-wire I2C-bus interface
• CMOS/TTL compatible
• 32 row, 60 column outputs
• MUX rates 1 : 32 and 1 : 16
• Uses common 11 code instruction set
• Logic supply voltage range, VDD − VSS: 2.5 to 6 V
• Display supply voltage range, VDD − VLCD: 3.5 to 9 V
• Low power consumption
• I2C-bus address: 011101 SA0.

APPLICATIONS
• Telecom equipment
• Portable instruments
• Point-of-sale terminals.




Similar Part No. - PCF2116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2116 NXP-PCF2116 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF2116AHZ PHILIPS-PCF2116AHZ Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2116AHZ NXP-PCF2116AHZ Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
862Kb / 107P
Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
More results


Similar Description - PCF2116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
logo
Sanyo Semicon Device
LC7930N SANYO-LC7930N Datasheet
79Kb / 7P
LCD Drivers
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2116CU NXP-PCF2116CU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com