Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321B-TC Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT45DB321B-TC
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-TC Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT45DB321B-TC Datasheet HTML 24Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 25Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 26Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 27Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 28Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 29Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 30Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 31Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 32Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
AT45DB321B
2223D–DFLASH–10/02
Packaging Information
44C1 – CBGA
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
44C1, 44-ball (5 x 9 Array), 6 x 12 x 1.2 mm Body, 1.0 mm Ball
Pitch Chip-scale Ball Grid Array Package (CBGA)
A
44C1
04/11/01
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
6.10(0.240)
5.90(0.232)
12.10(0.476)
11.90(0.468)
1.20 (0.047) MAX
0.25 (0.010)MIN
A
B
C
D
E
F
G
H
J
1.00 (0.0394) BSC
NON-ACCUMULATIVE
0.40 (0.016)
DIA BALL TYP
4.0 (0.157)
54
3
2
1
8.0 (0.315)
2.00 (0.079)REF
1.00 (0.039)REF
A1 ID
1.00 (0.0394) BSC
NON-ACCUMULATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com