Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321B-TC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321B-TC
Description  32-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321B-TC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321B-TC Datasheet HTML 1Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 2Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 3Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 4Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 5Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 6Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 7Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 8Page - ATMEL Corporation AT45DB321B-TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 20 MHz Max Clock Frequency
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 8192 Pages (528 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• Hardware Data Protection Feature
• 100% Compatible to AT45DB321
• 5.0V-tolerant Inputs: SI, SCK, CS, RESET and WP Pins
• Commercial and Industrial Temperature Ranges
Description
The AT45DB321B is a 2.7-volt only, serial interface Flash memory ideally suited for
a wide variety of digital voice-, image-, program code- and data-storage applications.
Its 34,603,008 bits of memory are organized as 8192 pages of 528 bytes each. In
addition to the main me mor y, the AT45 DB321B also cont ains two SRAM
data buffers of 528 bytes each. The buffers allow receiving of data while a page in the
main memory is being reprogrammed, as well as reading or writing a continuous data
32-megabit
2.7-volt Only
DataFlash®
AT45DB321B
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
SCK
SI
SO
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
CBGA Top View through Package
A
B
C
D
E
F
G
H
J
1
2345
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC
WP
RESET
NC
NC
NC
NC
NC
NC
GND
RDY/BSY
SI
NC
NC
NC
NC
NC
NC
SCK
CS
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
DataFlash Card(1)
Note:
1.
See AT45DCB004 Datasheet
76 54321
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
Rev. 2223D–DFLASH–10/02


Similar Part No. - AT45DB321B-TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321B ATMEL-AT45DB321B Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB321B ATMEL-AT45DB321B_14 Datasheet
253Kb / 32P
Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT45DB321B-TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com