Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG101 Datasheet HTML 6Page - Texas Instruments LOG101 Datasheet HTML 7Page - Texas Instruments LOG101 Datasheet HTML 8Page - Texas Instruments LOG101 Datasheet HTML 9Page - Texas Instruments LOG101 Datasheet HTML 10Page - Texas Instruments LOG101 Datasheet HTML 11Page - Texas Instruments LOG101 Datasheet HTML 12Page - Texas Instruments LOG101 Datasheet HTML 13Page - Texas Instruments LOG101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
LOG101
10
SBOS242B
(10)
FIGURE 14. High Side Shunt for Avalanche Photodiode (APD) Measures 3-Decades of APD Current.
A
1
–5V
SO-8
5
LOG101
Q
1
2
Q
2
I
OUT
I
OUT = 0.1 • ISHUNT
6
1.2k
Ω
Receiver
Irx = 1
µA to 1mA
I to V
Converter
APD
10Gbits/sec
1k
Ω
C
C
A
2
OPA703
V
OUT = 2.5V to 0V
I
SHUNT
100
µA
500
Ω
5k
Ω
5k
Ω
+15V to +60V
+5V
25k
Ω
INA168
SOT23-5
REF3025
2.5V
+5V
1
1
8
4
3
The individual component of error is:
∆K = gain accuracy (0.15%, typ), as specified in the
specification table.
IB1 = bias current of A1 (5pA, typ)
IB2 = bias current of A2 (5pA, typ)
N = log conformity error (0.01%, 0.06%, typ)
0.01% for n = 5, 0.06% for n = 7
VOSO = output offset voltage (3mV, typ)
n = number of decades over which N is specified:
Example: what is the error when
I1 = 1µA and I2 = 100nA
VmV
OUT =±
(
)
−
−
±
( )(
) ±
−−
−−
1 0 0015
10
5 10
10
5 10
2 0 0001 5
3 0
612
712
.log
•
•
..
= 1.005055V
(11)
(12)
(13)
Since the ideal output is 1.000V, the error as a percent of
reading is
%
.
%. %
error
=•
=
0 005055
1
100
0 5
For the case of voltage inputs, the actual transfer function is
VV
K
V
R
I
E
R
V
R
I
E
R
Nn
V
OUT
B
OS
B
OS
OSO
=
( ) ±
(
)
±
±
±±
11
2
1
1
1
1
1
2
2
2
2
2
∆ log
–
–
Where
E
R
and
E
R
OS
OS
1
1
2
2
are considered to be zero for large
values of resistance from external input current sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com