Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG101 Datasheet(HTML) 3 Page - Texas Instruments

  LOG101 Datasheet HTML 1Page - Texas Instruments LOG101 Datasheet HTML 2Page - Texas Instruments LOG101 Datasheet HTML 3Page - Texas Instruments LOG101 Datasheet HTML 4Page - Texas Instruments LOG101 Datasheet HTML 5Page - Texas Instruments LOG101 Datasheet HTML 6Page - Texas Instruments LOG101 Datasheet HTML 7Page - Texas Instruments LOG101 Datasheet HTML 8Page - Texas Instruments LOG101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
LOG101
3
SBOS242B
TOTAL ERROR(4)(5)
I1 or I2 remains fixed while other varies.
Initial
Min to Max
I1 or I2 = 3.5mA
±75
mV
I1 or I2 = 1mA
±20
mV
I1 or I2 = 100µA
±20
mV
I1 or I2 = 10µA
±20
mV
I1 or I2 = 1µA
±20
mV
I1 or I2 = 100nA
±20
mV
I1 or I2 = 10nA
±20
mV
I1 or I2 = 1nA
±20
mV
I1 or I2 = 350pA
±20
mV
I1 or I2 = 100pA
±20
mV
vs Temperature
I1 or I2 = 3.5mA
±1.2
mV/
°C
I1 or I2 = 1mA
±0.4
mV/
°C
I1 or I2 = 100µA
±0.1
mV/
°C
I1 or I2 = 10µA
±0.05
mV/
°C
I1 or I2 = 1µA
±0.05
mV/
°C
I1 or I2 = 100nA
±0.09
mV/
°C
I1 or I2 = 10nA
±0.2
mV/
°C
I1 or I2 = 1nA
±0.3
mV/
°C
I1 or I2 = 350pA
±0.1
mV/
°C
I1 or I2 = 100pA
±0.3
mV/
°C
vs Supply
I1 or I2 = 3.5mA
±3.0
mV/ V
I1 or I2 = 1mA
±0.1
mV/ V
I1 or I2 = 100µA
±0.1
mV/ V
I1 or I2 = 10µA
±0.1
mV/ V
I1 or I2 = 1µA
±0.1
mV/ V
I1 or I2 = 100nA
±0.1
mV/ V
I1 or I2 = 10nA
±0.1
mV/ V
I1 or I2 = 1nA
±0.25
mV/V
I1 or I2 = 350pA
±0.1
mV/ V
I1 or I2 = 100pA
±0.1
mV/ V
FREQUENCY RESPONSE, CORE LOG(6)
BW, 3dB
I2 = 10nA
CC = 4500pF
0.1
kHz
I2 = 1µACC = 150pF
38
kHz
I2 = 10µACC = 150pF
40
kHz
I2 = 1mA
CC = 50pF
45
kHz
Step Response
Increasing
I2 = 1µA to 1mA
CC = 150pF
11
µs
I2 = 100nA to 1µACC = 150pF
7
µs
I2 = 10nA to 100nA
CC = 150pF
110
µs
Decreasing
I2 = 1mA to 1µACC = 150pF
45
µs
I2 = 1µA to 100nA
CC = 150pF
20
µs
I2 = 100nA to 10nA
CC = 150pF
550
µs
POWER SUPPLY
Operating Range
VS
±4.5
±18
V
Quiescent Current
IO = 0
±1
±1.5
mA
TEMPERATURE RANGE
Specified Range, TMIN to TMAX
–575
°C
Operating Range
–40
85
°C
Storage Range
–55
125
°C
Thermal Resistance,
θ
JA SO-8
150
°C/W
NOTES: (1) Log Conformity Error is peak deviation from the best-fit straight line of VOUT versus log (I1/I2) curve expressed as a percent of peak-to-peak full-scale.
(2) May require higher supply for full dynamic range.
(3) Output core log function is trimmed to 1V output per decade change of input current.
(4) Worst-case Total Error for any ratio of I1/I2 is the largest of the two errors, when I1 and I2 are considered separately.
(5) Total I1 + I2 should be kept below 4.5mA on ±5V supply.
(6) Bandwidth (3dB) and transient response are a function of both the compensation capacitor and the level of input current.
ELECTRICAL CHARACTERISTICS (Cont.)
Boldface limits apply over the specified temperature range, TA = –5°C to +75°C.
At TA = +25°C, VS = ±5V, and RL = 10kΩ, unless otherwise noted.
LOG101AID
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com