Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2996M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996M
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996M Datasheet(HTML) 1 Page - Texas Instruments

  LP2996M Datasheet HTML 1Page - Texas Instruments LP2996M Datasheet HTML 2Page - Texas Instruments LP2996M Datasheet HTML 3Page - Texas Instruments LP2996M Datasheet HTML 4Page - Texas Instruments LP2996M Datasheet HTML 5Page - Texas Instruments LP2996M Datasheet HTML 6Page - Texas Instruments LP2996M Datasheet HTML 7Page - Texas Instruments LP2996M Datasheet HTML 8Page - Texas Instruments LP2996M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
PF
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
220PF
SD
SD
0.01PF
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
LP2996-N DDR Termination Regulator
Check for Samples: LP2996-N
1
FEATURES
DESCRIPTION
The LP2996-N linear regulator is designed to meet
2
•
Source and Sink Current
the JEDEC SSTL-2 specifications for termination of
•
Low Output Voltage Offset
DDR-SDRAM. The device contains a high-speed
•
No External Resistors Required
operational amplifier to provide excellent response to
load transients. The output stage prevents shoot
•
Linear Topology
through while delivering 1.5A continuous current and
•
Suspend to Ram (STR) Functionality
transient peaks up to 3A in the application as
•
Low External Component Count
required for DDR-SDRAM termination. The LP2996-N
also incorporates a VSENSE pin to provide superior
•
Thermal Shutdown
load regulation and a VREF output as a reference for
•
Available in SOIC-8, SO PowerPAD-8 or
the chipset and DIMMs.
WQFN-16 packages
An additional feature found on the LP2996-N is an
active low shutdown (SD) pin that provides Suspend
APPLICATIONS
To RAM (STR) functionality. When SD is pulled low
•
DDR-I and DDR-II Termination Voltage
the
VTT output will tri-state providing a high
•
SSTL-2 and SSTL-3 Termination
impedance output, but, VREF will remain active. A
power savings advantage can be obtained in this
•
HSTL Termination
mode through lower quiescent current.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2996M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2996M NSC-LP2996M Datasheet
450Kb / 18P
DDR Termination Regulator
logo
Texas Instruments
LP2996M TI1-LP2996M Datasheet
330Kb / 21P
DDR Termination Regulator
LP2996M TI-LP2996M Datasheet
1Mb / 26P
LP2996-N DDR Termination Regulator
LP2996M TI1-LP2996M Datasheet
1Mb / 28P
DDR Termination Regulator
LP2996M/NOPB TI1-LP2996M/NOPB Datasheet
1Mb / 28P
DDR Termination Regulator
More results

Similar Description - LP2996M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
Texas Instruments
LP2996-N TI-LP2996-N Datasheet
1Mb / 26P
LP2996-N DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com