Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2996M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996M
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996M Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2996M Datasheet HTML 6Page - Texas Instruments LP2996M Datasheet HTML 7Page - Texas Instruments LP2996M Datasheet HTML 8Page - Texas Instruments LP2996M Datasheet HTML 9Page - Texas Instruments LP2996M Datasheet HTML 10Page - Texas Instruments LP2996M Datasheet HTML 11Page - Texas Instruments LP2996M Datasheet HTML 12Page - Texas Instruments LP2996M Datasheet HTML 13Page - Texas Instruments LP2996M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
0
1
2
3
4
NUMBER OF VIAS
40
50
60
70
80
90
100
0
200
400
600
800
1000
AIRFLOW (Linear Feet per Minute)
SOP Board
JEDEC Board
150
160
140
170
180
100
110
120
130
80
90
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Figure 21.
θJA vs Airflow (SOIC-8)
Additional improvements can be made by the judicious use of vias to connect the part and dissipate heat to an
internal ground plane. Using larger traces and more copper on the top side of the board can also help. With
careful layout it is possible to reduce the
θJA further than the nominal values shown in Figure 21
Layout is also extremely critical to maximize the output current with the WQFN package. By simply placing vias
under the DAP the
θJA can be lowered significantly. Figure 22 shows the WQFN thermal data when placed on a
4-layer JEDEC board with copper thickness of 0.5/1/1/0.5 oz. The number of vias, with a pitch of 1.27 mm, has
been increased to the maximum of 4 where a
θJA of 50.41°C/W can be obtained. Via wall thickness for this
calculation is 0.036 mm for 1oz. Copper.
Figure 22. WQFN-16
θJA vs # of Vias (4 Layer JEDEC Board))
Additional improvements in lowering the
θJA can also be achieved with a constant airflow across the package.
Maintaining the same conditions as above and utilizing the 2x2 via array, Figure 23 shows how the
θJA varies
with airflow.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com