Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986IM-3.0 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2986IM-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-3.0 Datasheet(HTML) 4 Page - Texas Instruments

  LP2986IM-3.0 Datasheet HTML 1Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 2Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 3Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 4Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 5Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 6Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 7Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 8Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LP2986
SNVS137H – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Limits in standard typeface are for T J = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2986AI-X.X(1)
LM2986I-X.X(1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
VO
5.0
4.975
5.025
4.950
5.050
Output Voltage
4.960
5.040
4.920
5.080
(5.0V Versions)
0.1 mA < IL < 200 mA
5.0
4.910
5.090
4.860
5.140
3.3
3.283
3.317
3.267
3.333
Output Voltage
3.274
3.326
3.247
3.353
V
(3.3V Versions)
0.1 mA < IL < 200 mA
3.3
3.241
3.359
3.208
3.392
3.0
2.985
3.015
2.970
3.030
Output Voltage
2.976
3.024
2.952
3.048
(3.0V Versions)
0.1 mA < IL < 200 mA
3.0
2.946
3.054
2.916
3.084
0.014
0.014
Output Voltage Line
VO(NOM) + 1V ≤ VIN ≤ 16V
0.007
%/V
Regulation
0.032
0.032
VIN–VO
2.0
2.0
IL = 100 µA
1
3.5
3.5
120
120
Dropout Voltage(2)
IL = 75 mA
90
mV
170
170
230
230
IL = 200 mA
180
350
350
IGND
120
120
IL = 100 µA
100
150
150
µA
800
800
IL = 75 mA
500
Ground Pin Current
1400
1400
2.1
2.1
IL = 200 mA
1
mA
3.7
3.7
VS/D < 0.3V
0.05
1.5
1.5
µA
IO(PK)
Peak Output Current
VOUT ≥ VO(NOM) − 5%
400
250
250
mA
IO(MAX)
Short Circuit Current
RL = 0 (Steady State)
(3)
400
en
Output Noise Voltage
BW = 300 Hz to 50 kHz,
160
µV(RMS)
(RMS)
COUT = 10 µF
Ripple Rejection
f = 1 kHz, COUT = 10 µF
65
dB
Output Voltage
See(4)
20
ppm/°C
Temperature Coefficient
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential.
(3)
See Typical Performance Characteristics curves.
(4)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com