Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2986IM-3.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2986IM-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IM-3.0 Datasheet(HTML) 5 Page - Texas Instruments

  LP2986IM-3.0 Datasheet HTML 1Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 2Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 3Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 4Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 5Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 6Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 7Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 8Page - Texas Instruments LP2986IM-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard typeface are for T J = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
LM2986AI-X.X(1)
LM2986I-X.X(1)
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
FEEDBACK PIN
VFB
1.21
1.25
1.20
1.26
1.23
Feedback Pin Voltage
1.20
1.26
1.19
1.27
V
See(5)
1.23
1.19
1.28
1.18
1.29
FB Pin Voltage
See(6)
20
ppm/°C
Temperature Coefficient
IFB
330
330
Feedback Pin Bias Current
IL = 200 mA
150
nA
760
760
FB Pin Bias Current
See(6)
0.1
nA/°C
Temperature Coefficient
SHUTDOWN INPUT
VS/D
VH = O/P ON
1.4
1.6
1.6
S/D Input Voltage(7)
V
VL = O/P OFF
0.55
0.18
0.18
IS/D
VS/D = 0
0
−1
−1
S/D Input Current
µA
VS/D = 5V
5
15
15
ERROR COMPARATOR
IOH
1
1
Output “HIGH” Leakage
VOH = 16V
0.01
µA
2
2
VOL
220
220
VIN = VO(NOM) − 0.5V,
Output “LOW” Voltage
150
mV
IO(COMP) = 300 µA
350
350
VTHR
−5.5
−3.5
−5.5
−3.5
Upper Threshold Voltage
−4.6
(MAX)
−7.7
−2.5
−7.7
−2.5
VTHR
−8.9
−4.9
−8.9
−4.9
%VOUT
Lower Threshold Voltage
−6.6
(MIN)
−13.0
−3.3
−13.0
−3.3
HYST
Hysteresis
2.0
(5)
VFB ≤ VOUT ≤ (VIN − 1), 2.5V ≤ VIN ≤ 16V, 100 µA ≤ IL ≤ 200 mA, TJ ≤ 125°C.
(6)
Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
(7)
To prevent mis-operation, the Shutdown input must be driven by a signal that swings above VH and below VL with a slew rate not less
than 40 mV/µs (see Application Hints).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com