Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDLX Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDLX
Description  Bi-directional ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDLX Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDLX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TESDL5V0/TESDL12V/TESDL24V
Bi-directional ESD Protection Diode
Small Signal Diode
Electrical Characteristics
TESDL5V0
TESDL12V
TESDL24V
TESDL5V0
TESDL12V
TESDL24V
TESDL5V0
5V
TESDL12V
12V
TESDL24V
24V
1A
5A
1A
5A
1A
5A
TESDL5V0
TESDL12V
TESDL24V
uA
pF
-2
TESDL12V
TESDL24V
12 (Typ.)
10 (Typ.)
15 (Typ.)
VR=0V, f=1.0MHz
-47
25
33
Reverse Breakdown Voltage
Reverse Stand-Off Voltage
IR=
VR=
Reverse Leakage Current
25
-
VR=
1mA
V(BR)
IR
VR=
VRWM
-
IPP=
-51
Vc
-
IPP=
-
Type Number
Symbol
Min
Max
Units
-5
5.1
-
V
13
12
24
V
V
V
-
9.8
V
-15
Clamping Voltage
IPP=
Vc
Clamping Voltage
IPP=
Vc
IPP=
TESDL5V0
Clamping Voltage
IPP=
Junction Capacitance
CJ
Version : C1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com