Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDLX Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TESDLX
Description  Bi-directional ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDLX Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TESDLX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDLX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TESDL5V0/TESDL12V/TESDL24V
Bi-directional ESD Protection Diode
Small Signal Diode
Applications Information
Designed to protect sensitive electronics from damage or latch-up due to ESD
Designed to replace multilayer varistors (MLVs) in portable applications
Features large crosssectional area junctions for conducting high transient currents
Offers superior electrical characteristics such as lower clamping voltage and no device degradation when compared to MLVs
Circuit Board Layout Recommendations
Tape & Reel specification
Symbol
Dimension
(mm)
Carrier width
A
1.55 ± 0.10
Reel width
W1
13.5 Max
Overall tape thickness
T
0.23 ± 0.05
Tape width
W
8.00 ±0.20
Sprocke hole pitch
P0
4.00 ±0.10
Embossment center
P1
2.00 ±0.05
Punch hole position
F
3.50 ±0.05
Punch hole pitch
P
4.00 ±0.10
Feed hole width
D2
13.0 ± 0.20
Sprocke
t hole position
E
1.75 ±0.10
Reel outside diameter
D
178 ± 1
Reel inner diameter
D1
60.0 Min
Carrier depth
C
1.05 ± 0.10
Sprocket hole
d
1.55 ± 0.05
Carrier length
B
2.65 ± 0.10
Minimize the path length between the ESD Protection Diode and the protected line.
Minimize all conductive loops including power and ground loops.
The ESD transient return path to ground should be kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Item
Designed to protect one data, I/O, or power supply line.
The combination of small size and high ESD surge capability makes them ideal for use in portable applications.
Good circuit board layout is critical for the suppression of ESD induced transients.
Place the ESD Protection Diode near the input terminals or connectors to restrict transient coupling.
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : C1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com