Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1910CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1910CSRLG
Description  680kHz/1.2MHz High Voltage Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1910CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
2/8
Version: A12
Electrical Specifications (Ta = 25
oC, V
IN=5V, EN=VIN, IL=0A unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage range
VCC
2.6
--
5.5
V
Under Voltage Lockout
UVLO
Rising
--
2.35
2.6
V
UVLO Hysteresis
UVLOhys
--
-150
--
mV
Step-Up Voltage Adjust Range
VOUT
VCC+0.5
--
27
V
Operating quiescent current
ICCQ
IOUT= 0mA, VFB=1.5V
--
150
250
µA
Shutdown current
ISD
VEN=0V
--
0.1
1
µA
Feedback Voltage
VFB
1.219
1.238
1.257
V
FB Input Leakage Current
IFB-LKG
VFB = 1.5V
-100
0.01
+100
nA
Line Regulation
REGLINE
VIN=2.6 to 5.5V
IOUT=20mA
--
0.2
--
%
Load Regulation
REGLOAD
VIN=5V
IOUT= 1mA to 0.4A
-
0.15
--
%
Oscillator frequency
FOSC
FREQ=High
900
1200
1500
KHz
FREQ=Low
500
680
850
FREQ high-level input voltage
VFQ-IH
2
--
--
V
FREQ low-level input voltage
VFQ-IL
--
--
0.5
FREQ input leakage current
IFQ-LKG
FREQ=GND
--
--
0.1
uA
Soft Start Current
ISS
4
7
13
µA
N-channel MOSFET current limit
ILIM
Duty=40%
2
2.5
-
A
MOSFET on-resistance
(Note)
RDS(on)
VIN=3V, ISW=1A
--
200
280
mΩ
VIN=5V, ISW=1A
--
160
220
EN high-level input voltage
VIH
1.0
--
--
V
EN low-level input voltage
VIL
--
-
0.4
V
EN Hysteresis
ENhys
--
200
-
mV
EN input leakage current
IEN-LKG
VEN=GND or VIN
--
0.01
0.1
µA
Maximum Duty Cycle
Duty
VFB=0V
85
90
--
%
LX Leakage Current
ILXL
VLX = 25V, VFB=1.5V
--
--
10
µA
Thermal Shutdown
TSD
--
150
--
°C
Thermal Shutdown Hysteresis
Thys
--
35
--
Note: Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com