Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1910CSRLG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1910CSRLG
Description  680kHz/1.2MHz High Voltage Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1910CSRLG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1910CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1910CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS1910
680kHz/1.2MHz High Voltage Boost Converter
3/8
Version: A12
Block Diagram
VCC
SS
LX
SGND
Control and
Driver Logic
EN
COMP
1.238V
Reference
Soft
Start
Current
Sense
Slope
Compensation
Oscillator
FB
Error
Amplifier
Summing
Comparator
Thermal
Shutdown
7uA
Enable/
Disable
PGND
N-MOS
FREQ
Pin Description
Pin Number
Pin Name
Description
1
COMP
Compensation Pin
2
FB
Feedback Pin
3
EN
Enable Pin
4
GND
Ground Pin
5
LX
Switch Output Pin
6
VCC
Power Input pin
7
FREQ
Frequency select pin. The power switch operates at 680kHz if FREQ is
connected to GND and at 1.2MHz if FREQ is connected to VCC
8
SS
Soft start Pin. Connect a capacitor to GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com