Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

337-0003-R20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 337-0003-R20
Description  Multi-Standard Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

337-0003-R20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  337-0003-R20 Datasheet HTML 1Page - List of Unclassifed Manufacturers 337-0003-R20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
337-0003-R2.0
www.lsr.com
Multi-Standard Module
WLAN (802.11 a/b/g/n), Bluetooth®, Bluetooth Low Energy (BLE) and ANT
ALSO FROM LS RESEARCH
•
Pre-certified antennas
•
Custom antenna design services
•
Full turnkey product development
•
EMC certification and testing
TiWi5
TiWi5 SPECIFICATIONS
•
Dimensions: 13 mm x 18 mm x 1.9 mm
•
Operating temperature: -40 to +85° C
•
FCC / IC certified (pending)
•
ETSI EN 300 328 and EN 301 489 tested (pending)
•
3.0 V to 4.8 V operation
•
Power consumption:
165 mA in transmit (65 Mbps OFDM(n))
100 mA in receive
•
SDIO and UART interfaces for WLAN and Bluetooth
•
Off-module certified antenna options planned, including:
SMT chip
U.FL with dipole antenna
WLAN
•
802.11 a/b/g/n/e/i compliant
•
Transmit Power: 12.5 dBm, 65 Mbps, OFDM (n)
•
RF Sensitivity: -73 dBm, 10% PER, 65 Mbps
BLUETOOTH
•
Bluetooth 1.1, 1.2, 2.0+EDR and 2.1+EDR 3.0
and 4.0 (BLE) and ANT compliant
•
Output power Class 1.5
•
RF Sensitivity: -92 dBm, GFSK
TiWi5 KEY FEATURES
•
Texas Instruments WiLink™ 6.0 (WL1273L)
transceiver
•
2.4 and 5.8 GHz operation
•
Supports requirements for WiFi Protected
Access (WPA and WPA2.0) and IEEE 802.11i
•
Works with IEEE std 802.1x for VPN
•
802.11 a/b/g/n and Bluetooth® 2.1+EDR, 3.0,
4.0 (BLE), and ANT compliant
•
Seamless integration with TI OMAP™
application processors


Similar Part No. - 337-0003-R20

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
337-006-500-101 EDAC-337-006-500-101 Datasheet
290Kb / 4P
337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
337-006-500-101 EDAC-337-006-500-101 Datasheet
138Kb / 3P
337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
337-006-500-102 EDAC-337-006-500-102 Datasheet
290Kb / 4P
337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
337-006-500-102 EDAC-337-006-500-102 Datasheet
139Kb / 3P
337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
337-006-500-103 EDAC-337-006-500-103 Datasheet
290Kb / 4P
337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results

Similar Description - 337-0003-R20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
Generic multi-standard decoder
June 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
Generic multi-standard decoder
June 1993
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
MULTI STANDARD INFRARED TRANSCEIVER
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
logo
General Electric Compan...
SL5067 GEC-SL5067 Datasheet
445Kb / 13P
MULTI - STANDARD VIDEO MODULATOR
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
Keysight Technologies
N9083A KEYSIGHT-N9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
W9083A KEYSIGHT-W9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
logo
Taoglas antenna solutio...
FXP70.07.0053A TAOGLAS-FXP70.07.0053A Datasheet
765Kb / 11P
Multi Standard Antenna
logo
Lapp.
4150500 LAPP-4150500 Datasheet
314Kb / 4P
MULTI-STANDARD SC 2.2
13.01.2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com