Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV080 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV080
Description  8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV080 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV080 Datasheet HTML 1Page - ATMEL Corporation AT49BV080 Datasheet HTML 2Page - ATMEL Corporation AT49BV080 Datasheet HTML 3Page - ATMEL Corporation AT49BV080 Datasheet HTML 4Page - ATMEL Corporation AT49BV080 Datasheet HTML 5Page - ATMEL Corporation AT49BV080 Datasheet HTML 6Page - ATMEL Corporation AT49BV080 Datasheet HTML 7Page - ATMEL Corporation AT49BV080 Datasheet HTML 8Page - ATMEL Corporation AT49BV080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8-Megabit
(1M x 8)
Single 2.7-volt
Battery-Voltage
™
Flash Memory
AT49BV080
AT49BV080T
AT49LV080
AT49LV080T
Features
• Single Supply for Read and Write: 2.7V to 3.6V (BV), 3.0V to 3.6V (LV)
• Fast Read Access Time - 120 ns
• Internal Program Control and Timer
• 16K bytes Boot Block With Lockout
• Fast Erase Cycle Time - 10 seconds
• Byte-By-Byte Programming - 30 µs/Byte Typical
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
- 25 mA Active Current
- 50
µA CMOS Standby Current
• Typical 10,000 Write Cycles
• Small Packaging
- 8 x 14 mm CBGA
Pin Configurations
Pin Name
Function
A0 - A19
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
Ready/Busy Output
I/O0 - I/O7
Data Inputs/Outputs
The AT49BV/LV080 are 3-volt-only in-system Flash Memory devices. Their 8 mega-
bits of memory are organized as 1,024,576 words by 8 bits. Manufactured with At-
mel’s advanced nonvolatile CMOS technology, the devices offer access times to 120
ns with power dissipation of just 90 mW over the commercial temperature range.
When the device is deselected, the CMOS standby current is less than 50
µA.
The device contains a user-enabled "boot block" protection feature. Two versions of
the feature are available: the AT49BV/LV080 locates the boot block at lowest order
addresses ("bottom boot"); the AT49BVLV080T locates it at highest order addresses
("top boot").
Description
(continued)
TSOP Top View
Type 1
0812A–8/97
A
B
C
D
E
F
1
234567
A5
A4
A6
A3
A2
A1
A8
A7
A9
I/O1
A0
I/O0
A11
A10
RST
NC
I/O3
I/O2
NC
VCC
CE
VCC
GND
GND
A12
A13
A14
I/O4
I/O6
I/O5
A15
NC
A16
I/O7
OE
RY/BY
A17
A18
A19
NC
NC
WE
CBGA Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
GND
GND
VCC
CE
A12
A13
A14
A15
A16
A17
A18
A19
NC
NC
NC
NC
WE
OE
RDY/BUSY
I/O7
I/O6
I/O5
I/O4
VCC
SOIC


Similar Part No. - AT49BV080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com