Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F080T Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F080T
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F080T Datasheet HTML 1Page - ATMEL Corporation AT49F080T Datasheet HTML 2Page - ATMEL Corporation AT49F080T Datasheet HTML 3Page - ATMEL Corporation AT49F080T Datasheet HTML 4Page - ATMEL Corporation AT49F080T Datasheet HTML 5Page - ATMEL Corporation AT49F080T Datasheet HTML 6Page - ATMEL Corporation AT49F080T Datasheet HTML 7Page - ATMEL Corporation AT49F080T Datasheet HTML 8Page - ATMEL Corporation AT49F080T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT49F080/080T
2
To allow for simple in-system reprogrammability, the
AT49F080 does not require high input voltages for pro-
gramming. 5-volt-only commands determine the read and
programming operation of the device. Reading data out of
the device is similar to reading from an EPROM. Repro-
gramming the AT49F080 is performed by erasing the entire
8 megabits of memory and then programming on a byte-by-
byte basis. The typical byte programming time is a fast 10
µs. The end of a program cycle can be optionally detected
by the DATA polling feature. Once the end of a byte pro-
gram cycle has been detected, a new access for a read or
program can begin. The typical number of program and
erase cycles is in excess of 10,000 cycles
The optional 16K bytes boot block section includes a repro-
gramming write lock out feature to provide data integrity.
The boot sector is designed to contain user secure code,
and when the feature is enabled, the boot sector is perma-
nently protected from being reprogrammed.
Block Diagram
Device Operation
READ: The AT49F080 is accessed like an EPROM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in the high
impedance state whenever CE or OE is high. This dual-
line control gives designers flexibility in preventing bus con-
tention.
ERASURE: Before a byte can be reprogrammed, the
1024K bytes memory array (or 1008K bytes if the boot
block featured is used) must be erased. The erased state
of the memory bits is a logical “1”. The entire device can be
erased at one time by using a 6-byte software code. The
software chip erase code consists of 6-byte load com-
mands to specific address locations with a specific data
pattern (please refer to the Chip Erase Cycle Waveforms).
After the software chip erase has been initiated, the device
will internally time the erase operation so that no external
clocks are required. The maximum time needed to erase
the whole chip is tEC. If the boot block lockout feature has
been enabled, the data in the boot sector will not be
erased.
BYTE PROGRAMMING: Once the memory array is
erased, the device is programmed (to a logical “0”) on a
byte-by-byte basis. Please note that a data “0” cannot be
programmed back to a “1”; only erase operations can con-
vert “0”s to “1”s. Programming is accomplished via the
internal device command register and is a 4 bus cycle oper-
ation (please refer to the Command Definitions table). The
device will automatically generate the required internal pro-
gram pulses.
The program cycle has addresses latched on the falling
edge of WE or CE, whichever occurs last, and the data
latched on the rising edge of WE or CE, whichever occurs
first. Programming is completed after the specified tBP
cycle time. The DATA polling feature may also be used to
indicate the end of a program cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The device
has one designated block that has a programming lockout
feature. This feature prevents programming of data in the
designated block once the feature has been enabled. The
size of the block is 16K bytes. This block, referred to as the
boot block, can contain secure code that is used to bring up
the system. Enabling the lockout feature will allow the boot
code to stay in the device while data in the rest of the
device is updated. This feature does not have to be acti-
vated; the boot block's usage as a write protected region is
OE, CE, AND WE
LOGIC
Y DECODER
X DECODER
INPUT/OUTPUT
BUFFERS
DATA LATCH
Y-GATING
OPTIONAL BOOT
BLOCK (16K BYTES)
MAIN MEMORY
(1008K BYTES)
OE
WE
CE
ADDRESS
INPUTS
VCC
GND
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
03FFFH
00000H
INPUT/OUTPUT
BUFFERS
DATA LATCH
Y-GATING
OPTIONAL BOOT
BLOCK (16K BYTES)
MAIN MEMORY
(1008K BYTES)
FC000H
00000H
AT49F080T
AT49F080
DATA INPUTS/OUTPUTS
I/O7 - I/O0
8
FFFFFH
FFFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com