Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F080T Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49F080T
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F080T Datasheet HTML 1Page - ATMEL Corporation AT49F080T Datasheet HTML 2Page - ATMEL Corporation AT49F080T Datasheet HTML 3Page - ATMEL Corporation AT49F080T Datasheet HTML 4Page - ATMEL Corporation AT49F080T Datasheet HTML 5Page - ATMEL Corporation AT49F080T Datasheet HTML 6Page - ATMEL Corporation AT49F080T Datasheet HTML 7Page - ATMEL Corporation AT49F080T Datasheet HTML 8Page - ATMEL Corporation AT49F080T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT49F080/080T
5
Notes:
1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V ± 0.5V
4. Manufacturer Code: 1FH
Device Code: 23H (AT49F080), 27H (AT49F080T)
5. See details under Software Product Identification Entry/Exit..
Note:
1. ICC in the erase mode is 90 mA.
DC and AC Operating Range
AT49F080-90
AT49F080-12
AT49F080-15
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
RDY/BUSY
Read
VIL
VIL
VIH
VIH
Ai
DOUT
VOH
Program(2)
VIL
VIH
VIL
VIH
Ai
DIN
VOL
Standby/Write
Inhibit
VIH
X(1)
XVIH
X
High Z
VOH
Program Inhibit
X
X
VIH
VIH
VOH
Program Inhibit
X
VIL
XVIH
VOH
Output Disable
X
VIH
XVIH
High Z
VOH
RESET
XXX
VIL
X
High Z
Product Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A19 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code(4)
A1 - A19 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code(4)
Software(5)
A0 = VIL, A1 - A19 = VIL
Manufacturer Code(4)
A0 = VIH, A1 - A19 = VIL
Device Code(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
VOH1
Output High Voltage
IOH = -400 µA2.4
V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com