Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2720W Datasheet(PDF) 4 Page - STMicroelectronics

Part # L2720W
Description  Low drop dual power operational amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720W Datasheet(HTML) 4 Page - STMicroelectronics

  L2720W Datasheet HTML 1Page - STMicroelectronics L2720W Datasheet HTML 2Page - STMicroelectronics L2720W Datasheet HTML 3Page - STMicroelectronics L2720W Datasheet HTML 4Page - STMicroelectronics L2720W Datasheet HTML 5Page - STMicroelectronics L2720W Datasheet HTML 6Page - STMicroelectronics L2720W Datasheet HTML 7Page - STMicroelectronics L2720W Datasheet HTML 8Page - STMicroelectronics L2720W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical specifications
L2720W
4/12
Doc ID 13407 Rev 2
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings
Pin/symbol
Description
Min
Max
Unit
VS
Supply voltage
-
28
V
VS-PK
Peak supply voltage (50 ms)
-
50
V
Vi
Input voltage range
-
Vs
V
Vi
Differential input voltage range
-
±Vs
V
IO
DC output current
-
1
A
IO-PK
Peak output current (non repetitive)
-
1.5
A
Top
Operating ambient temperature range
-40
125
°C
Tstg, Tj
Storage and junction temperature range
-40
150
°C
Table 4.
Thermal data
Device
Parameter
Min
Typ
Max
Unit
Rth j-amb
Thermal resistance junction to ambient (1)
1.
On double layer PCB with 4 cm2 copper dissipating area
-65
-
°C/W
Rth j-case
Thermal resistance junction to case pins (2)
2.
Referred to pins 4, 5, 12 and 13.
-12
-
°C/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VS
Positive single power supply
4.0
-
28
V
Positive split power supply
2.0
-
14
V
VE
Negative single power supply
-
0
-
V
Negative split power supply
-2.0
-
-14
V
VIN
Input voltage
-
-
VS to
VE
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com