Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2720W Datasheet(PDF) 5 Page - STMicroelectronics

Part # L2720W
Description  Low drop dual power operational amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720W Datasheet(HTML) 5 Page - STMicroelectronics

  L2720W Datasheet HTML 1Page - STMicroelectronics L2720W Datasheet HTML 2Page - STMicroelectronics L2720W Datasheet HTML 3Page - STMicroelectronics L2720W Datasheet HTML 4Page - STMicroelectronics L2720W Datasheet HTML 5Page - STMicroelectronics L2720W Datasheet HTML 6Page - STMicroelectronics L2720W Datasheet HTML 7Page - STMicroelectronics L2720W Datasheet HTML 8Page - STMicroelectronics L2720W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
L2720W
Electrical specifications
Doc ID 13407 Rev 2
5/12
3.4
Electrical characteristics
The electrical specifications in Table 6 below are given for operation under the conditions
VS =24V, Tamb = -40 °C to 125 °C and RI connected to GND, unless otherwise specified
Table 6.
Electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Is
Quiescent current
VO = VS / 2
Tamb = 25 °C -
10
15
mA
--
10
18
Iib
Input bias current
VCM = 0
Tamb = 25 °C -
0.2
1
µA
--
0.2
1
Iob
Input offset current
VCM = 0
Tamb = 25 °C -
-
100
nA
-
-
-
100
Vos
Input offset voltage
Tamb = 25 °C
-10
-
10
mV
--10
-
10
∆Vos/∆T
Average temperature
coefficient of Vos
--
20
-
µV/°
C
SR
Slew rate
Vin = -10 V to +10 V,
RL = 2 kΩ, CL = 100 pF, Av = -1,
Tamb = 25 °C
-2
-V/
µs
B
Gain-bandwidth product
-
-
1.2
-
MHz
Gv
Open loop voltage gain
f = 100 Hz
70
80
-
dB
f = 1 kHz
-
60
-
CMRR
Common mode rejection ratio
f = 1 kHz
66
84
-
dB
SVRR
Supply voltage rejection ratio
f = 100 Hz
RG = 10 kΩ
VR = 0.5 V
Vs = 24 V
-
70
-
dB
Vs = ±12 V
60
75
-
VDROP(H)
Drop voltage high
Ip = 100 mA
Tamb = 25 °C -
0.7
1
V
--
0.8
1.5
Ip = 1 A
Tamb = 25 °C -
1.0
1.5
--
1.1
1.5
VDROP(L)
Drop voltage low
Ip = 100 mA
Tamb = 25 °C -
0.3
0.7
V
--
0.4
1
Ip = 1 A
Tamb = 25 °C -
0.5
1
--
1.3
1.5
Cs
Channel separation
f = 1 kHz;
RL = 10 Ω;
Gv = 30 dB
Vs = 24 V
-
60
-
dB
Vs = 6 V
-
60
-
eN
Input noise voltage
B = 22 Hz to 22 kHz,
Tamb = 25 °C
-10
-
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com