Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6545 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6545
Description  Standard Banana Jacks, Solderless and Stackable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6545 Datasheet(HTML) 1 Page - 3M Electronics

  6545 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 1825, 4897, 4899, 6545
Standard Banana Jacks, Solderless
and Stackable
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093787
Page 1 of 1
FEATURES:
Designed to fit on the end of any 22 AWG to
18 AWG wire.
Cross hole wire entry fits wires up to .12”
(3mm) diameter
Available with tarnish resistant nickel or gold
plating for very low contact resistance
Model 4899 is rated to temperatures up to
+302°F (+150°C)
Set screw simplifies assembly of test leads and
jumpers by using a flat blade screwdriver
Fits standard panel and binding post banana
jacks .161” to .166” (4,0mm to 4,2mm)
diameter
MATERIALS:
Banana Jack: Beryllium Copper, Gold Plated
Banana Plug: Body – Brass, Nickel Plated (Model 4897 Gold
Plated)
Spring – Beryllium Copper, Nickel Plated (Model 4897 Gold Plated)
Insulation: ABS (Model 4899 Polyphenylene Sulfide)
Set Screw: Steel, Zinc Plated, 8-32 Single Slot
RATINGS:
Voltage:
Hands free testing in controlled voltage environments: 5000 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70 Vdc.
Current:
15 Amps
Maximum Operating Temperature: +122 F (+50 C). Model 4899: +302 F (+150 C)
ORDERING INFORMATION:
Model: 1825-color
Nickel Plated Banana with ABS Insulation
Color: 0=Black, 1=Brown, 2=Red, 3=Orange, 4=Yellow, 5=Green, 6=Blue, 7=Violet, 8=Gray, 9=White
Ordering example: 1825-5 (1825 with green ABS insulation)
Model: 6545 Package of ten 1825, one of each color.
Model: 4897-0 Gold Plated Banana Plug with ABS Black Insulation
Model: 5897-2 Gold Plated Banana Plug with ABS Red Insulation
Model: 4899-0 Nickel Plated Banana with High Temperature Black Insulation (
Polyphenylene Sulfide)
Model: 4899-6 Nickel Plated Banana with High Temperature Blue Insulation (
Polyphenylene Sulfide)
Model: 4914 Replacement Set Screws, package of 100.


Similar Part No. - 6545

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6545 POMONA-6545 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
logo
3M Electronics
6545 3M-6545 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
6545 3M-6545 Datasheet
163Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
Belden Inc.
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6545PA-0081000 BELDEN-6545PA-0081000 Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
More results

Similar Description - 6545

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325 POMONA-1325 Datasheet
76Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1825 POMONA-1825 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
1825-7 3M-1825-7 Datasheet
163Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
Pomona Electronics
5230-0 POMONA-5230-0 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com