Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3533 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3533
Description  Adapter BNC Male To Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3533 Datasheet(HTML) 1 Page - 3M Electronics

  3533 Datasheet HTML 1Page - 3M Electronics 3533 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/28/02 SY/EH/LS
PomonaACCESS 90190 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d3533_1_02.doc
Page 1 of 1
Model 3533
Adapter
BNC Male To Male
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body – Brass, Tarnish Resistant Plating, Center Contact: Gold Plated Brass
Dielectric: PTFE
Finish: Body and Fittings – Tarnish Resistant
Center Contact – Gold Plated
Marking: “Pomona 3533”
RATING:
Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner Conductor/Shield: 500VRMS Max.
Operating Temperature: -65ºC to +165ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3533


Similar Part No. - 3533

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
logo
ASM GmbH
3533 ASM-SENSOR-3533 Datasheet
4Mb / 16P
F체r Produktionslinien, Forschung und Entwicklung
logo
Alpha Wire
3533 ALPHAWIRE-3533 Datasheet
99Kb / 4P
Customer Specification
10/28/2022
3533 ALPHAWIRE-3533 Datasheet
99Kb / 4P
Customer Specification
2/22/2023
logo
Multicomp Pro
3533 MULTICOMP-3533 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
More results

Similar Description - 3533

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
4288 POMONA-4288 Datasheet
20Kb / 1P
Adapter, SMA Male To BNC Male
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
SMA Male to BNC Male Adapter
PE9110 PASTERNACK-PE9110 Datasheet
236Kb / 2P
TNC Male to BNC Male Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
PE9201 PASTERNACK-PE9201 Datasheet
240Kb / 2P
UHF Male to BNC Male Adapter
PE9567 PASTERNACK-PE9567 Datasheet
254Kb / 2P
HN Male to BNC Male Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
logo
Amphenol Corporation
242104 AMPHENOL-242104 Datasheet
34Kb / 1P
SMA MALE TO BNC MALE ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com