Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 2 Page - Rohm

Part # SML012ECT
Description  Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 2 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Relative Luminous Intensity - Forward Current
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
Electrical Characteristic Curves
10.00
1.00
0.10
0.01
1
10
100
FORWARD CURRENT :
(mA)
10
20
30
40
50
60
0
50
100
150
200
250
PEAK FORWARD CURRENT : IF peak
(mA)
0
20
10
0
010 20 30 40 50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(
°C)
Ta=25
°C
100.0
10.0
2.6
3.0
3.5
3.8
1.0
FORWARD VOLTAGE : VF
(V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-20
-30
-10 0 102030405060708090 100
IF=20mA
CASE TEMPERATURE : Tc
(
°C)
20
30
10
0
AMBIENT TEMPERATURE : Ta
(
°C)
-20 -10 0 102030405060708090 100
150
100
50
0
FORWARD CURRENT : IF
(
mA)
10
20
30
0
1
1
5
2.4
10
100
1000
10000
PULSE DURATION : Tw
(µs)
Ta=25
°C
100.0
10.0
20.0
1.0
1.5
2.0
2.5
3.0
1.0
FORWARD VOLTAGE : VF
(V)
1
1
5
10
3.3
10
100
1000
10000
PULSE DURATION : Tw
(µs)
Ta=25
°C
Ta=25
°C
Ta=25
°C
Ta=25
°C
SML012BC4T
SML012EC4T
SML013BDT
SML012BCT
SML012ECT
----
SML012BC4T
SML012BCT
SML012EC4T
SML012ECT
SML013BDT
----
SML-011YT
SML-012YT
SML-012WT(A)
SML-011YT
SML-012YT
SML-012WT(A)
SML-011DT
SML-012DT
SML-011UT
SML-012UT
SML-012VT(A)
SML-012PT(A)
SML-013UT
----
----
----
SML012BC4T
SML012BCT
SML012EC4T
SML012ECT
SML013BDT
----
SML012BC4T
SML012BCT
SML012EC4T
SML012ECT
SML013BDT
SML-012PT(A)
----
----
SML012BC4T
SML012BCT
SML012EC4T
SML012ECT
SML-012PT(A)
SML013BDT
----
----
SML-011YT
SML-012YT
SML-012WT(A)
SML-011YT
SML-012YT
SML-011DT
SML-012DT
SML-011UT
SML-012UT
SML-012WT(A)
SML-012VT(A)
SML-013UT
----
SML-012PT(A)
----
SML-011YT
SML-012YT
SML-012WT(A)
SML-011YT
SML-012YT
SML-012WT(A)
SML-011DT
SML-012DT
SML-011UT
SML-012UT
SML-012VT(A)
SML-013UT
----
SML-011YT
SML-012YT
SML-012WT(A)
SML-011YT
SML-012YT
SML-012WT(A)
SML-011DT
SML-012DT
SML-011UT
SML-012UT
SML-012VT(A)
SML-013UT
----
SML-011YT
SML-012YT
SML-012WT(A)
SML-012PT(A)
SML-011YT
SML-012YT
SML-012WT(A)
SML-011DT
SML-012DT
SML-011UT
SML-012UT
SML-012VT(A)
SML-013UT
Ta=25
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com